Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 136 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 180 page
background image
Serial Communications Interface
MC68HC705MC4 — Rev. 2.0
Serial Communications Interface
SCR2–SCR0 — SCI Baud Rate Select Bits
These read/write bits select the SCI baud rate, as shown in Table
11-2. Reset has no effect on the SCR2–SCR0 bits.
Table 11-3 shows all possible SCI baud rates derived from crystal
frequencies of 2 MHz, 4 MHz, 4.194304 MHz, and 6 MHz.
Table 11-1. Baud Rate Generator Clock Prescaling
SCP[1:0]
Baud Rate Generator Clock
00
Internal Clock
÷ 1
01
Internal Clock
÷ 3
10
Internal Clock
÷ 4
11
Internal Clock
÷ 13
Table 11-2. Baud Rate Selection
SCR[2:1:0]
SCI Baud Rate (Baud)
000
Prescaled Clock
÷ 1
001
Prescaled Clock
÷ 2
010
Prescaled Clock
÷ 4
011
Prescaled Clock
÷ 8
100
Prescaled Clock
÷ 16
101
Prescaled Clock
÷ 32
110
Prescaled Clock
÷ 64
111
Prescaled Clock
÷ 128
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com