Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 135 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 135 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 131Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 139Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 180 page
background image
Serial Communications Interface
SCI I/O Registers
General Release Specification
Serial Communications Interface
FE — Receiver Framing Error
This clearable, read-only flag is set when there is a logic 0 where a
stop bit should be in the character shifted into the receive shift
register. If the received word causes both a framing error and an
overrun error, the OR bit is set and the FE bit is not set. Clear the FE
bit by reading the SCSR, and then reading the SCDR. Reset clears
the FE bit.
1 = Framing error
0 = No framing error
11.6.5 Baud Rate Register
The baud rate register selects the baud rate for both the receiver and the
transmitter.
SCP1 and SCP0 — SCI Prescaler Select Bits
These read/write bits control prescaling of the baud rate generator
clock, as shown in Table 11-1. Resets clear both SCP1 and SCP0.
Address:
$000A
Bit 7
654321
Bit 0
Read:
0
0
SCP1
SCP0
0
SCR2
SCR1
SCR0
Write:
Reset:
U
U
0
0
UUUU
= Unimplemented
U = Unaffected
Figure 11-8. Baud Rate Register (BAUD)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com