Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 137 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 180 page
background image
Serial Communications Interface
SCI I/O Registers
General Release Specification
Serial Communications Interface
Table 11-3. Baud Rate Selection Examples
SCP[1:0]
SCR[2:1:0]
SCI Baud Rate
f
OSC = 4 MHz
f
OP = 2 MHz
f
OSC = 4.194304 MHz
f
OP = 2.097152 MHz
f
OSC = 6 MHz
f
OP = 3 MHz
00
000
125 kBaud
131.1 kBaud
187.5 kBaud
00
001
62.50 kBaud
65.54 kBaud
93.75 kBaud
00
010
31.25 kBaud
32.77 kBaud
46.89 kBaud
00
011
15.63 kBaud
16.38 kBaud
23.44 kBaud
00
100
7813 Baud
8192 Baud
11.72 kBaud
00
101
3906 Baud
4096 Baud
5859 Baud
00
110
1953 Baud
2048 Baud
2930 Baud
00
111
976.6 Baud
1024 Baud
1465 Baud
01
000
41.67 kBaud
43.69 kBaud
62.49 kBaud
01
001
20.83 kBaud
21.85 kBaud
31.26 kBaud
01
010
10.42 kBaud
10.92 kBaud
15.62 kBaud
01
011
5208 Baud
5461 Baud
7812 Baud
01
100
2604 Baud
2731 Baud
3906 Baud
01
101
1302 Baud
1365 Baud
1953 Baud
01
110
651.0 Baud
682.7 Baud
976.5 Baud
01
111
325.5 Baud
341.3 Baud
488.4 Baud
10
000
31.25 kBaud
32.77 kBaud
46.89 kBaud
10
001
15.63 kBaud
16.38 kBaud
23.44 kBaud
10
010
7813 Baud
8192 Baud
11.72 kBaud
10
011
3906 Baud
4906 Baud
5859 Baud
10
100
1953 Baud
2048 Baud
2930 Baud
10
101
976.6 Baud
1024 Baud
1465 Baud
10
110
488.3 Baud
512.0 Baud
732.3 Baud
10
111
244.1 Baud
256.0 Baud
366.3 Baud
11
000
9615 Baud
10.08 kBaud
14.42 kBaud
11
001
4808 Baud
5041 Baud
7212 Baud
11
010
2404 Baud
2521 Baud
3606 Baud
11
011
1202 Baud
1260 Baud
1803 Baud
11
100
601.0 Baud
630.2 Baud
901.5 Baud
11
101
300.5 Baud
315.1 Baud
450.6 Baud
11
110
150.2 Baud
157.5 Baud
225.4 Baud
11
111
75.12 Baud
78.77 Baud
112.7 Baud
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com