Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70100SEHF/PROTO Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL70100SEHF/PROTO
Description  Radiation Hardened 40V Current Sense Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70100SEHF/PROTO Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL70100SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ISL70100SEH, ISL73100SEH
1. Overview
R34DS0009EU0101 Rev.1.01
Page 3 of 27
Jul.10.20
1.
Overview
1.1
Block Diagram
1.2
Ordering Information
Figure 3. ISL70100SEH Block Diagram
Ordering SMD
Number (Note 1)
Part Number (Note 2)
Radiation Hardness
(Total Ionizing Dose)
Temp Range
(°C)
Package
(RoHS Compliant)
Package
Drawing
5962R2021201VXC
ISL70100SEHVF
HDR to 100krad(Si),
LDR to 75krad(Si)
-55 to +125
10 Ld FP
K10.A
5962R2021201V9A
ISL70100SEHVX (Note 3)
-55 to +125
Die
N/A
5962L2021202VXC
ISL73100SEHVF
LDR to 75krad(Si)
-55 to +125
10 Ld FP
K10.A
5962L2021202V9A
ISL73100SEHVX (Note 3)
-55 to +125
Die
N/A
N/A
ISL70100SEHF/PROTO (Note 4)
N/A
-55 to +125
10 Ld FP
K10.A
N/A
ISL70100SEHX/SAMPLE (Notes 3, 4) N/A
-55 to +125
Die
N/A
N/A
ISL73100SEHF/PROTO (Note 4)
N/A
-55 to +125
10 Ld FP
K10.A
N/A
ISL73100SEHX/SAMPLE (Notes 3, 4) N/A
-55 to +125
Die
N/A
N/A
ISL73100SEHEV1Z (Note 5)
Evaluation Board with ISL73100SEHF/PROTO
Notes:
1. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers
listed must be used when ordering.
2. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with
both SnPb and Pb-free soldering operations.
3. Die product tested at TA = + 25°C. The wafer probe test includes functional and parametric testing sufficient to make the die capable of
meeting the electrical performance outlined in “Electrical Specifications” on page 6.
4. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are
intended for engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature
specified in the DLA SMD and are in the same form and fit as the qualified device. The /SAMPLE parts are capable of meeting the
electrical limits and conditions specified in the DLA SMD. The /SAMPLE parts do not receive 100% screening across temperature to the
DLA SMD electrical limits. These part types do not come with a Certificate of Conformance because they are not DLA qualified devices.
5. The evaluation board uses the /PROTO parts. The /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event
Effect (SEE) immunity.
OUT
V+
RS+
RS-
V-
1.7 V
V-
V-
V-
OUT
V+
RS+
RS-
V-
1.7 V
V-
V-
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com