Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70100SEHF/PROTO Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL70100SEHF/PROTO
Description  Radiation Hardened 40V Current Sense Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70100SEHF/PROTO Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL70100SEHF/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ISL70100SEH, ISL73100SEH
4. Functional Description
R34DS0009EU0101 Rev.1.01
Page 19 of 27
Jul.10.20
4.
Functional Description
The ISL70100SEH is a transconductance current sense amplifier with a power supply range of 2.7V to 40V. Its
input common-mode range extends from -0.3V to 40V, which makes it ideal for use in both low-side and high-side
applications. The input common-mode voltage is independent of the power supply such that the ISL70100SEH
can be powered of a 5V rail but sense a 40V common mode. The ISL70100SEH level shifts in the sensed voltage
from the sensed power supply to a ground-referenced output. The output gain of the ISL70100SEH can be easily
configured with a single resistor on the output. It outputs a current proportional to the input voltage differential and
the output resistor sets the voltage gain seen by downstream devices.
The ISL7x100SEH can be driven with bi-polar supplies with the positive voltage on V+ and the negative voltage
on V-. The same voltage differentials should still be between 2.7V and 40V from V+ to V-. The output of the
amplifier is referenced to V- so any downstream device will need to be able to handle a bipolar input.
4.1
Output Signal Range
The output range of these amplifiers is limited on the low end by the input offset voltage and the saturation voltage
of the output transistors on the top end. The maximum voltage is always about 2V below the voltage on V+. If the
application calls for a large gain, the supply voltage may need to be increased to accommodate the full output
voltage range. For example, if the supply voltage is 2.7V, the output can only get up to 0.7V before the output is
saturated; this sets the maximum gain with 2.7V supply to 4.67 with a maximum sensing voltage of 150mV. If the
sensing voltage range is reduced, higher gains can be used.
where:
•ACSA(MAX) is the maximum output gain given the maximum input differential
• V+ is the power supply voltage of the ISL7x100SEH in volts
•VOH is output high saturation voltage referred to V+ from the electrical specifications table in volts
•VSEN(MAX) is the maximum input differential that the application calls for in volts
Typically, the output of the ISL7x100SEH is connected to the input of an Analog-to-Digital Converter (ADC), which
has limited input voltage ranges. Ensure that the output voltage (IOUT(MAX)•ROUT) does not exceed the input
voltage range of the downstream ADC.
4.2
Input Common-Mode Range
The input common-mode range of the ISL70100SEH and ISL73100SEH ranges from -0.3V to 40V regardless of
the voltage on V+. The electrical specifications table shows that the offset voltage of these amplifiers changes
very slightly over the full common-mode range. The inputs are also capable of either RS+ or RS- dropping to 0V
without damaging the amplifier, this is particularly useful in monitoring protection fuse circuits where the output
goes to the positive rail if the fuse is blown. If the inputs differential is reversed (RS- goes above RS+), the output
does not phase invert, it will simply remain at the output low voltage specified in the electrical specifications table.
4.3
Crossover Region
The ISL7x100SEH accomplishes the wide input common-mode range using multiple input paths that are selected
based on the common-mode voltage. The transition point between the high-side and low-side is typically 1.7V but
can range from 1.5V to 2.0V across temperature. When the common-mode voltage has reached the transition
point, there is a soft switchover from the low-side to the high-side.
ACSA MAX

V+
 V
OH
–
VSEN MAX

--------------------------------
=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com