Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70100SEHF/PROTO Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL70100SEHF/PROTO
Description  Radiation Hardened 40V Current Sense Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70100SEHF/PROTO Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL70100SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ISL70100SEH, ISL73100SEH
1. Overview
R34DS0009EU0101 Rev.1.01
Page 4 of 27
Jul.10.20
1.3
Pin Configurations
1.4
Pin Descriptions
10 Ld CDFP
Top View
Pin Number
Pin Name
ESD Circuit
Description
1
RS-
1
Negative sense input of current sense amplifier
2
V+
2
Positive power supply
3
DNC
-
Do not connect, leave floating. This pin leaks to V-.
4
V-
-
Negative power supply
5
DNC
-
Do not connect, leave floating. This pin leaks to V-.
6
LID
-
This pin is electrically connected to the lid, connect this pin to V- to avoid floating metal. This
pin does not connect to the die.
7
OUT
3
Output of the transconductance amplifier
8
DNC
-
Do not connect, leave floating. This pin leaks to V-.
9
DNC
-
Do not connect, leave floating. This pin leaks to V-.
10
RS+
1
Positive sense input of current sense amplifier
10
9
8
7
6
2
3
4
5
1
RS-
V+
DNC
V-
DNC
RS+
DNC
DNC
OUT
LID
RS+
RS-
V-
V+
V-
V+
V-
OUT
Circuit 1
Circuit 2
Circuit 3
Capacitively
Triggered
ESD Clamp
Capacitively
Triggered
ESD Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com