Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70100SEHF/PROTO Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL70100SEHF/PROTO
Description  Radiation Hardened 40V Current Sense Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70100SEHF/PROTO Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL70100SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70100SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ISL70100SEH, ISL73100SEH
Radiation Hardened 40V Current Sense Amplifiers
Datasheet
R34DS0009EU0101 Rev.1.01
Page 1 of 27
Jul.10.20
The ISL70100SEH and ISL73100SEH are radiation
hardened 40V current sense amplifiers built on the
Renesas proprietary PR40 SOI process. These
devices have a wide power supply range of 2.7V to
40V. The input common-mode voltage is independent
of the supply voltage and extends from -0.3V to
40.0V, making them ideal to use in both high-side and
low-side applications.
The ISL70100SEH and ISL73100SEH are
trans-conductance amplifiers that monitor current
using an external sense resistor and output a current
proportional to the sensed voltage. The overall
voltage gain is adjustable with a single resistor from
the output to ground.
These amplifiers have an extremely low offset voltage
and input bias currents, making them ideal for
precision sensing applications. They have a minimum
bandwidth of 500kHz with a slew rate of 500µA/µs
that make them useful for current feedback in
telemetry applications. When the parts are powered
down (V+ = V- = 0V), the sense pins (RS+, RS-) are
high impedance to avoid loading the monitored circuit.
The parts are available in a hermetically sealed 10 Ld
ceramic flat-pack package or die form and operate
across the full-range military temperature of -55°C to
+125°C.
Related Literature
For a full list of related documents, visit our website:
ISL70100SEH and ISL73100SEH product pages
Features
• Power supply range: 2.7V to 40V
• Input common-mode range: -0.3V to 40V
• Transconductance: 2µA/mV (typical)
○ ±1% accuracy (TA = 25°C)
○ ±1.5% accuracy (TA = -55°C, 125°C)
• Voltage offset: 10µV (typical), V+ = 12V
• Adjustable gain with a single resistor
• Radiation acceptance testing - ISL70100SEH
○ HDR (50-300rad(Si)/s): 100krad(Si)
○ LDR (<10mrad(Si)/s): 75krad(Si)
• Radiation acceptance testing - ISL73100SEH
○ LDR (<10mrad(Si)/s): 75krad(Si)
• SEE hardness (see SEE report for details)
○ No SEB (V+ = 35V): 86.4MeV•cm2/mg
○ No SEB (V+ = 42V): 43.0MeV•cm2/mg
• Electrically Screened to SMD 5962-20212
Applications
• High-side or low-side current sensing
• Battery monitoring
• Power management
• Motor control
• Command, telemetry, and control systems
Figure 1. Typical Application: High-Side Current Sense for
28V Supply Rail
Figure 2. Transconductance, V+ = 12V
ISL70100SEH
ISL70100SEH
ISL70100SEH
28V
RSENSE
ROUT
RH ADC
RH ADC
12V
VOUT = (VSEN(mV) * 2µA/mV) * ROUT
ISL70100SEH
28V
RSENSE
ROUT
RH ADC
12V
VOUT = (VSEN(mV) * 2µA/mV) * ROUT
VSEN
+
-
1.966
1.976
1.986
1.996
2.006
2.016
2.026
-10
0
10
20
30
40
50
Input Common-Mode Voltage (V)
-55°C
25°C
125°C


Similar Part No. - ISL70100SEHF/PROTO

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70100M RENESAS-ISL70100M Datasheet
1Mb / 35P
Radiation Tolerant 40V Current Sense Amplifier
May 5, 2025
ISL70100M30VZ RENESAS-ISL70100M30VZ Datasheet
1Mb / 35P
Radiation Tolerant 40V Current Sense Amplifier
May 5, 2025
ISL70100M30VZ-T RENESAS-ISL70100M30VZ-T Datasheet
1Mb / 35P
Radiation Tolerant 40V Current Sense Amplifier
May 5, 2025
ISL70100M30VZ-T7A RENESAS-ISL70100M30VZ-T7A Datasheet
1Mb / 35P
Radiation Tolerant 40V Current Sense Amplifier
May 5, 2025
ISL70100M50VZ RENESAS-ISL70100M50VZ Datasheet
1Mb / 35P
Radiation Tolerant 40V Current Sense Amplifier
May 5, 2025
More results

Similar Description - ISL70100SEHF/PROTO

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
Radiation-Hardened FPGAs
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
RADIATION HARDENED
logo
Microsemi Corporation
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
RADIATION HARDENED
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
RADIATION HARDENED
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH_13 Datasheet
221Kb / 5P
Radiation Hardened, Low Noise Quad Operational Amplifiers
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
Radiation-Hardened
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
ISL70444SEH RENESAS-ISL70444SEH Datasheet
1Mb / 26P
19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers
Apr 15, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com