Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72026SEHF/PROTO Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL72026SEHF/PROTO
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026SEHF/PROTO Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL72026SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL72026SEH
FN8762 Rev 3.00
Page 6 of 18
August 16, 2016
DRIVER SWITCHING CHARACTERISTICS
Propagation Delay LOW to HIGH tPDLH1
RS = 0V, Figure 13
Full
-
75
150
ns
Propagation Delay LOW to HIGH tPDLH2
RS = 10kΩ, Figure 13
Full
-
520
850
ns
Propagation Delay LOW to HIGH tPDLH3
RS = 50kΩ, Figure 13
Full
-
850
1400
ns
Propagation Delay HIGH to LOW tPDHL1
RS = 0V, Figure 13
Full
-
80
155
ns
Propagation Delay HIGH to LOW tPDHL2
RS = 10kΩ, Figure 13
Full
-
460
800
ns
Propagation Delay HIGH to LOW tPDHL3
RS = 50kΩ, Figure 13
Full
-
725
1300
ns
Output Skew
tSKEW1
RS = 0V, (|tPHL - tPLH|), Figure 13
Full
-
5
50
ns
Output Skew
tSKEW2
RS = 10kΩ, (|tPHL - tPLH|), Figure 13
Full
-
60
510
ns
Output Skew
tSKEW3
RS = 50kΩ, (|tPHL - tPLH|), Figure 13
Full
-
110
800
ns
Output Rise Time
tr1
RS = 0V, (fast speed)
Figure 13
Full
20
55
100
ns
Output Fall Time
tf1
Full
10
25
75
ns
Output Rise Time
tr2
RS = 10kΩ, (medium speed - 250kbps)
Figure 13
Full
200
400
780
ns
Output Fall Time
tf2
Full
175
300
500
ns
Output Rise Time
tr3
RS = 50kΩ, (slow speed - 125kbps)
Figure 13
Full
400
700
1400
ns
Output Fall Time
tf3
Full
300
650
1000
ns
Total Loop Delay, Driver Input to
Receiver Output, Recessive to
Dominant
t(LOOP1)
RS = 0V, Figure 17
Full
-
115
210
ns
RS = 10kΩ, Figure 17
Full
-
550
875
ns
RS = 50kΩ, Figure 17
Full
-
850
1400
ns
Total Loop Delay, Driver Input to
Receiver Output, Dominant to
Recessive
t(LOOP2)
RS = 0V, Figure 17
Full
-
130
270
ns
RS = 10kΩ, Figure 17
Full
-
500
825
ns
RS = 50kΩ, Figure 17
Full
-
750
1300
ns
Listen to Valid Dominant Time
tL-DOM
Figure 16
Full
-
5
15
µs
RECEIVER SWITCHING CHARACTERISTICS
Propagation Delay LOW to HIGH tPLH
Figure 14
Full
-
50
110
ns
Propagation Delay HIGH to LOW tPHL
Figure 14
Full
-
50
110
ns
Rx Skew
tSKEW1
|(tPHL - tPLH)|, Figure 14
Full
-
2
35
ns
Rx Rise Time
tr
Figure 14
Full
-
2
-
ns
Rx Fall Time
tf
Figure 14
Full
-
2
-
ns
LBK Delay I/O to Rx Output
tLBK
Figure 18, Note 9
Full
-
35
75
ns
RS PIN CHARACTERISTICS
RS Input Current
IRS(H)
RS = 0.75 x VCC
Full
-10
-0.2
-
µA
IRS(L)
VRS = 0V
Full
-450
-125
0
µA
NOTES:
5. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise
specified.
6. Parameters with MIN and/or MAX limits are 100% tested at -55°C, +25°C and +125°C, unless otherwise specified.
7. Typical values are at 3.3V. Parameters with a single entry in the “TYP” column apply to 3.3V. Typical values shown are not guaranteed.
8. Parameter included in functional testing.
9. Performed during the 100% screening operations over the full operating temperature range. Not performed as part of TCI Group E and Group C.
Radiation characterization testing performed as part of the initial release and any major changes in design.
Electrical Specifications Test Conditions: VCC = 3.0V to 3.6V; Typicals are at TA = +25°C (Note 7); unless otherwise specified (Note 5).
Boldface limits apply across the operating temperature range, -55°C to +125°C or over a total ionizing dose of 75krad(Si) at +25°C with exposure at a
low dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 6)
TYP
(Note 7)
MAX
(Note 6)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com