Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72026SEHF/PROTO Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL72026SEHF/PROTO
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026SEHF/PROTO Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL72026SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL72026SEH
FN8762 Rev 3.00
Page 9 of 18
August 16, 2016
FIGURE 16A. LISTEN TO VALID DOMINANT TIME TEST CIRCUIT
FIGURE 16B. LISTEN TO VALID DOMINANT TIME MEASUREMENT
POINTS
FIGURE 16. LISTEN TO VALID DOMINANT TIME
FIGURE 17A. TOTAL LOOP DELAY TEST CIRCUIT
FIGURE 17B. TOTAL LOOP DELAY MEASUREMENT POINTS
FIGURE 17. TOTAL LOOP DELAY
FIGURE 18A. LOOP BACK DELAY TO DOMINANT TIME TEST CIRCUIT
FIGURE 18B. LOOP BACK DELAY TO DOMINANT MEASUREMENT
POINTS
FIGURE 18. LOOP BACK DELAY
Test Circuits and Waveforms (Continued)
D
LBK
RS
R
CAN_L
CAN_H
GND
VOD
60Ω
VIN
15pF ±20%
±1%
VO
VIN = 125kHz, 0V to VCC, Duty Cycle 50%, tr = tf ≤ 6ns
50%
VIN
VO
VCC
0V
VOH
VOL
t L - DOM
50%
0Ω,10kΩ,50kΩ
60Ω
CAN H
CAN L
GND
RS
LBK
D
R
VO
VIN
15pF ±20%
VIN = 125kHz, Duty Cycle 50%, tr = tf ≤ 6ns.
±1%
t(LOOP2)
50%
50%
50%
50%
t(LOOP1)
VIN
VO
VCC
0V
VOH
VOL
D
LBK
RS
R
CAN_L
CAN_H
GND
VOD = 2.3V
VIN
15pF ±20%
VCC
±1%
VO
VIN = 125kHz, 0V to VCC, Duty Cycle 50%, tr = tf ≤ 6ns
0Ω,10kΩ,50kΩ
+
60Ω
-
t(LBK1)
50%
50%
50%
50%
t(LBK2)
VIN
VO
VCC
0V
VOH
VOL
t(LBK) = t(LBK1) = t(LBK2)
VOD
= +2.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com