Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72026SEHF/PROTO Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL72026SEHF/PROTO
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026SEHF/PROTO Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL72026SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ISL72026SEH
FN8762 Rev 3.00
Page 12 of 18
August 16, 2016
FIGURE 26. VCC UNDERVOLTAGE LOCKOUT
FIGURE 27. TRANSMITTER PROPAGATION DELAY AND SKEW vs
TEMPERATURE AT FAST SPEED
FIGURE 28. TRANSMITTER PROPAGATION DELAY AND SKEW vs
TEMPERATURE AT MEDIUM SPEED
FIGURE 29. TRANSMITTER PROPAGATION DELAY AND SKEW vs
TEMPERATURE AT SLOW SPEED
FIGURE 30. TRANSMITTER RISE AND FALL TIMES vs TEMPERATURE
AT FAST SPEED
FIGURE 31. TRANSMITTER RISE AND FALL TIMES vs TEMPERATURE
AT MEDIUM SPEED
Typical Performance Curves C
L = 15pF, TA = +25°C; Unless Otherwise Specified. (Continued)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCC SWEEP (V)
100kΩ on R to VCC, RS = D = GND, RDIFF = OPEN
UP
DOWN
0
20
40
60
80
100
120
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
RS = GND, RDIFF = 60Ω
L TO H, VCC = 3V
H TO L, VCC = 3.6V
H TO L, VCC = 3V
SKEW, VCC = 3V
L TO H, VCC = 3.6V
SKEW, VCC = 3.6V
TEMPERATURE (°C)
0
100
200
300
400
500
600
700
800
-55
-35
-15
5
25
45
65
85
105
125
RS = 10kΩ, RDIFF = 60Ω
L TO H, VCC = 3V
H TO L, VCC = 3.6V
H TO L, VCC = 3V
SKEW, VCC = 3.6V
L TO H, VCC = 3.6V
SKEW, VCC = 3V
TEMPERATURE (°C)
0
200
400
600
800
1000
1200
-55
-35
-15
5
25
45
65
85
105
125
RS = 10kΩ, RDIFF = 60Ω
L TO H, VCC = 3V
H TO L, VCC = 3V
SKEW, VCC = 3.6V
SKEW, VCC = 3V
L TO H, VCC = 3.6V
H TO L, VCC = 3.6V
20
25
30
35
40
45
50
55
60
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
RS = GND, RDIFF = 60Ω
RISE, VCC = 3.6V
FALL, VCC = 3V
RISE, VCC = 3V
FALL, VCC = 3.6V
TEMPERATURE (°C)
0
100
200
300
400
500
600
-55
-35
-15
5
25
45
65
85
105
125
RS = 10kΩ, RDIFF = 60Ω
RISE, VCC = 3V
RISE, VCC = 3.6V
FALL, VCC = 3V
FALL, VCC = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com