Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72026SEHF/PROTO Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL72026SEHF/PROTO
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026SEHF/PROTO Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL72026SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL72026SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL72026SEH
FN8762 Rev 3.00
Page 2 of 18
August 16, 2016
Pin Configuration
ISL72026SEH
(8 LD CERAMIC FLATPACK)
TOP VIEW
Ordering Information
ORDERING / SMD
NUMBER (Note 1)
PART NUMBER
(Note 2)
TEMPERATURE RANGE
(°C)
PACKAGE
(RoHS Compliant)
PACKAGE
DRAWING #
5962L1522801VXC
ISL72026SEHVF
-55 to +125
8 Ld Ceramic Flat Pack
K8.A
N/A
ISL72026SEHF/PROTO
-55 to +125
8 Ld Ceramic Flat Pack
K8.A
5962L1522801V9A
ISL72026SEHVX
-55 to +125
Die
N/A
ISL72026SEHX/SAMPLE
-55 to +125
Die
N/A
ISL72026SEHEVAL1Z
Evaluation Board
NOTES:
1. Specifications for Radiation Tolerant QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed
in the “Ordering Information” table must be used when ordering.
2. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.
TABLE 1. ISL7202xSEH PRODUCT FAMILY FEATURE TABLE
SPEC
ISL72026SEH
ISL72027SEH
ISL72028SEH
Loopback Feature
Yes
No
No
VREF Output
No
Yes
Yes
Listen Mode
Yes
Yes
No
Shutdown Mode
No
No
Yes
VTHRLM
1150mV (Max)
1150mV (Max)
N/A
VTHFLM
525mV (Min)
525mV (Min)
N/A
VHYSLM
50mV (Min)
50mV (Min)
N/A
Supply Current, Listen Mode
2mA (Max)
2mA (Max)
N/A
Supply Current, Shutdown Mode
N/A
N/A
50µA (Max)
VREF Leakage Current
N/A
±25µA (Max)
±25µA (Max)
N/A: Not Applicable
D
GND
VCC
R
RS
CANH
CANL
LBK
8
7
6
5
2
3
4
1
Note: The package lid is
tied to ground.
Pin Descriptions
PIN
NUMBER
PIN NAME
FUNCTION
1
D
CAN driver digital input. The bus states are LOW = Dominant and HIGH = Recessive. Internally tied HIGH.
2
GND
Ground connection.
3
VCC
System power supply input (3.0V to 3.6V). The typical voltage for the device is 3.3V.
4
R
CAN Data Receiver Output. The bus states are LOW = Dominant and HIGH = Recessive.
8
RS
A resistor to GND from this pin controls the rise and fall time of the CAN output waveform. Drive RS HIGH to put into Listen Mode.
6
CANL
CAN bus line for low level output
7
CANH
CAN bus line for high level output
5
LBK
A HIGH on this pin places CANH and CANL pins in a high impedance state. The rest of the circuit remains active so that the TX
and RX can loopback diagnostic information. Internally tied LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com