Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B45196P Datasheet(PDF) 1 Page - EPCOS

Part # B45196P
Description  Tantalum Chip Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196P Datasheet(HTML) 1 Page - EPCOS

  B45196P Datasheet HTML 1Page - EPCOS B45196P Datasheet HTML 2Page - EPCOS B45196P Datasheet HTML 3Page - EPCOS B45196P Datasheet HTML 4Page - EPCOS B45196P Datasheet HTML 5Page - EPCOS B45196P Datasheet HTML 6Page - EPCOS B45196P Datasheet HTML 7Page - EPCOS B45196P Datasheet HTML 8Page - EPCOS B45196P Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
55
10/02
Tantalum Chip Capacitors
Performance – High Reliability 150
°C
Construction
I Polar tantalum capacitors with solid electrolyte
I Conventional Ta-MnO2 technology
I Flame-retardant plastic case (UL 94 V-0)
I Optionally tinned or gold-plated terminals
Features
I Outstanding reliability
I High volumetric efficiency
I Excellent solderability
I Stable temperature and frequency characteristics
I Low leakage current, low dissipation factor
I Low self-inductance
I High resistance to shock and vibration
I Suitable for use without series resistor
(recommended operating voltage see “General Technical Information”, page 111, 4.4)
I Very low failure rate
I Operating temperature up to 150 °C
Applications
I Automotive electronics (safety applications e.g. airbag, ABS or motor management)
I Measuring and control engineering
I Medical engineering
I DC/DC converters
I Telecommunications (e.g. mobile phones, private branch exchanges)
I Data processing (e.g. laptops, main frames)
Soldering
Suitable for reflow soldering (IR and vapor phase) and wave soldering
Delivery mode
Taped and reeled in accordance with IEC 60286-3
Ordering code structure
+10*
Passive component
Tantalum capacitor
Series
196 = tinned terminals Sn100
198 = gold-plated terminals
Reel diameter
9 = 180 mm, 6 = 330 mm
Case size
10 = A, 20 = B, 30 = C, 40 = D, 50 = E
Capacitance tolerance
M =
± 20 %, K = ±10 %, J = ± 5 %
Voltage (code number)
Rated capacitance
First two digits = significant figures
Third digit = exponent
B45196
P1225
B45196P, B45198P


Similar Part No. - B45196P

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45196P KEMET-B45196P Datasheet
594Kb / 15P
Tantalum Chip Capacitors
B45196P KEMET-B45196P Datasheet
272Kb / 1P
Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196P KEMET-B45196P Datasheet
272Kb / 1P
Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196P KEMET-B45196P Datasheet
272Kb / 1P
Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196P0157K106 KEMET-B45196P0157K106 Datasheet
594Kb / 15P
Tantalum Chip Capacitors
More results

Similar Description - B45196P

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
TANTALUM CHIP CAPACITORS
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
Tantalum Chip Capacitors
logo
Kemet Corporation
B45196L KEMET-B45196L Datasheet
908Kb / 16P
Tantalum Chip Capacitors
B45196P KEMET-B45196P Datasheet
594Kb / 15P
Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A Datasheet
105Kb / 12P
Chip tantalum capacitors
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
Chip tantalum capacitors
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
Tantalum Chip Capacitors
logo
Rohm
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
Chip tantalum capacitors
2022.6.3 - Rev.005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com