Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B45196P Datasheet(PDF) 5 Page - EPCOS

Part # B45196P
Description  Tantalum Chip Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196P Datasheet(HTML) 5 Page - EPCOS

  B45196P Datasheet HTML 1Page - EPCOS B45196P Datasheet HTML 2Page - EPCOS B45196P Datasheet HTML 3Page - EPCOS B45196P Datasheet HTML 4Page - EPCOS B45196P Datasheet HTML 5Page - EPCOS B45196P Datasheet HTML 6Page - EPCOS B45196P Datasheet HTML 7Page - EPCOS B45196P Datasheet HTML 8Page - EPCOS B45196P Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
59
10/02
Tantalum Chip Capacitors
Performance – High Reliability 150
°C
Overview of available types
Series
B45196P, tinned terminals
B45198P, gold-plated terminals
VR (Vdc)
up to 85
°C
4
6,3
10
16
20
25
35
50
CR (µF)1)
0,10
AA
0,15
AB
0,22
AB
0,33
AB
0,47
A
A
B
C
0,68
A
A
B
C
1,0
A
A
A
B
C
1,5
A
A
A
B
C
D
2,2
A
A
A
B
B
C
D
3,3
A
A
A
A
B
B
C
C
D
4,7
A
A
A
BBB
C
C
C
D
D
6,8
A
A
BABB
C
C
C
D
D
E
10
A
B
A
B
B
CC
CC
DD
E
15
ABB
C
B
C
C
C
D
D
E
22
B
C
B
CCC
D
D
D
E
33
B
C
C
D
D
D
47
C
CDCD
D
68
C
D
CD
D
100
D
D
D
150
D
D
E
Upon request
1) Additional ratings upon request
B45196P, B45198P



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com