Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B45196P Datasheet(PDF) 2 Page - EPCOS

Part # B45196P
Description  Tantalum Chip Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196P Datasheet(HTML) 2 Page - EPCOS

  B45196P Datasheet HTML 1Page - EPCOS B45196P Datasheet HTML 2Page - EPCOS B45196P Datasheet HTML 3Page - EPCOS B45196P Datasheet HTML 4Page - EPCOS B45196P Datasheet HTML 5Page - EPCOS B45196P Datasheet HTML 6Page - EPCOS B45196P Datasheet HTML 7Page - EPCOS B45196P Datasheet HTML 8Page - EPCOS B45196P Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
56
10/02
Tantalum Chip Capacitors
Performance – High Reliability 150
°C
Specifications and characteristics in brief
For characteristic curves see “General Technical Information”, page 107 ff.
Performance
Series
B45196P
B45198P
Technology
Ta-MnO2
Ta-MnO2
Terminals
Tinned
Gold-plated
Rated voltage VR (up to 85 °C)
4 … 50 Vdc
Rated capacitance CR
0,10 … 150
µF
Capacitance tolerance
±10%, ± 20%
± 5% (on request)
Operating temperature
– 55 … + 125
°C
Failure rate
At 40 °C;
≤ VR, RS ≥ 3 Ω/V (1 fit = 1 . 10-9 failures/h)
CR · VR ≤ 330 µF · V
≤ 0,8 fit
CR · VR > 330 µF · V
≤ 2,5 fit
Service life
> 500 000 h
Leakage current
(VR, 5 min, 20 °C)
10 nA/
µC
Detail specification
(tinned terminals)
CECC 30801-801/-802
IEC climatic category
To IEC 60068-1
55/125/56 (– 55 /+ 125
°C; 56 days damp heat test)
For performance types, individual tests are carried out under more extreme conditions,
supplementary to the tests specified by CECC.
Examples:
Damp heat
85 (+2) °C, 85
… 90 % relative humidity
Rapid temperature change
100 cycles, – 55 °C/+ 125 °C, 30 min.
Surge voltage
104 charge cycles
Impulse test
106 cycles
Types B45196P can be operated at temperatures up to 150 °C (under development: 175 °C).
Maximum working voltage at 150 °C: 0,5 VR
Details for this operating condition must be agreed upon between supplier and customer.
B45196P, B45198P



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com