Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B45196P Datasheet(PDF) 6 Page - EPCOS

Part # B45196P
Description  Tantalum Chip Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196P Datasheet(HTML) 6 Page - EPCOS

Back Button B45196P Datasheet HTML 2Page - EPCOS B45196P Datasheet HTML 3Page - EPCOS B45196P Datasheet HTML 4Page - EPCOS B45196P Datasheet HTML 5Page - EPCOS B45196P Datasheet HTML 6Page - EPCOS B45196P Datasheet HTML 7Page - EPCOS B45196P Datasheet HTML 8Page - EPCOS B45196P Datasheet HTML 9Page - EPCOS B45196P Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
60
10/02
Tantalum Chip Capacitors
Performance – High Reliability 150
°C
Technical data and ordering codes
VR
up to 85 °C
(up to 125°C)
[up to 150 °C]
Vdc
CR
µF
Case
size
tan
δmax
(20 °C,
120 Hz)
Ilk, max
(20 °C,VR,
5 min)
µA
Zmax
(20 °C,
100 kHz)
Ω
Ordering code 1)
Tinned terminals
4
(2,5)
[2]
3,3
A
0,045
0,5
5,9
B45196P0335+10*
4,7
A
0,045
0,5
4,6
B45196P0475+10*
6,8
A
0,045
0,5
3,9
B45196P0685+10*
10
A
0,045
0,5
2,9
B45196P0106+10*
10
B
0,045
0,5
2,7
B45196P0106+20*
15
A
0,045
0,6
2,7
B45196P0156+10*
15
B
0,045
0,6
2,6
B45196P0156+20*
22
B
0,045
0,9
1,8
B45196P0226+20*
22
C
0,045
0,9
1,7
B45196P0226+30*
33
B
0,045
1,3
1,5
B45196P0336+20*
33
C
0,045
1,3
1,5
B45196P0336+30*
47
C
0,045
1,9
1,1
B45196P0476+30*
68
C
0,045
2,7
0,9
B45196P0686+30*
68
D
0,045
2,7
0,8
B45196P0686+40*
100
D
0,06
4,0
0,6
B45196P0107+40*
150
D
0,06
6,0
0,6
B45196P0157+40*
1) Replace 196P by 198P for gold-plated terminals
+ Code letter for capacitance tolerance: M =
± 20 %, K = ± 10 % (J = ± 5 % upon request)
* Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
B45196P, B45198P



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com