Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC750EC/D Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MPC750EC/D
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC/D Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MPC750EC/D Datasheet HTML 16Page - NXP Semiconductors MPC750EC/D Datasheet HTML 17Page - NXP Semiconductors MPC750EC/D Datasheet HTML 18Page - NXP Semiconductors MPC750EC/D Datasheet HTML 19Page - NXP Semiconductors MPC750EC/D Datasheet HTML 20Page - NXP Semiconductors MPC750EC/D Datasheet HTML 21Page - NXP Semiconductors MPC750EC/D Datasheet HTML 22Page - NXP Semiconductors MPC750EC/D Datasheet HTML 23Page - NXP Semiconductors MPC750EC/D Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
20
MPC750A RISC Microprocessor Hardware Specifications
Electrical and Thermal Characteristics
Figure 9. L2 Bus Output Timing Diagrams
1.4.3 IEEE 1149.1 AC Timing Specifications
Table 14 provides the IEEE 1149.1 (JTAG) AC timing specifications as defined in Figure 10, Figure 11,
Figure 12, and Figure 13.
Table 14. JTAG AC Timing Specifications (Independent of SYSCLK)
At recommended operating conditions (See Table 3), CL = 50 pF
Num
Characteristic
Min
Max
Unit
Notes
TCK frequency of operation
0
33.3
MHz
1
TCK cycle time
30
—
ns
2
TCK clock pulse width measured at 1.4V
15
—
ns
3
TCK rise and fall times
0
2
ns
4
Specification obsolete, intentionally omitted
5
TRST assert time
25
—
ns
1
6
Boundary-scan input data setup time
4
—
ns
2
7
Boundary-scan input data hold time
15
—
ns
2
8
TCK to output data valid
4
20
ns
3
9
TCK to output high impedance
3
19
ns
3, 4
10
TMS, TDI data setup time
0
—
ns
27
VM
VM = Midpoint Voltage (1.4V)
L2SYNC_IN
26
ALL OUTPUTS
VM
28
L2DATA BUS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com