Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC750EC/D Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MPC750EC/D
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC/D Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MPC750EC/D Datasheet HTML 28Page - NXP Semiconductors MPC750EC/D Datasheet HTML 29Page - NXP Semiconductors MPC750EC/D Datasheet HTML 30Page - NXP Semiconductors MPC750EC/D Datasheet HTML 31Page - NXP Semiconductors MPC750EC/D Datasheet HTML 32Page - NXP Semiconductors MPC750EC/D Datasheet HTML 33Page - NXP Semiconductors MPC750EC/D Datasheet HTML 34Page - NXP Semiconductors MPC750EC/D Datasheet HTML 35Page - NXP Semiconductors MPC750EC/D Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
MPC750A RISC Microprocessor Hardware Specifications
System Design Information
1.8.1 PLL Configuration
The MPC750’s PLL is configured by the PLL_CFG[0–3] signals. For a given SYSCLK (bus) frequency,
the PLL configuration signals set the internal CPU and VCO frequency of operation. The PLL
configuration for the MPC750 is shown in Table 17 for nominal frequencies.
Table 17. MPC750 Microprocessor PLL Configuration
PLL_CFG
[0–3]
Sample Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to
VCO
Multiplier
Bus
25 MHz
Bus
33.3
MHz
Bus
40 MHz
Bus
50 MHz
Bus
66.6
MHz
Bus
75 MHz
Bus
83.3
MHz
1000
3x
2x
150 (300) 200
(400)
225 (450) 250
(500)
1110
3.5x
2x
175 (350) 233
(466)
262 (525)
1010
4x
2x
160 (320) 200 (400) 266
(533)
0111
4.5x
2x
150
(300)
180 (360) 225 (450)
1011
5x
2x
166
(333)
200 (400) 250 (500)
1001
5.5x
2x
183
(366)
220 (440)
1101
6x
2x
150 (300) 200
(400)
240 (480)
0101
6.5x
2x
162 (325) 216
(433)
260 (520)
0010
7x
2x
175 (350) 233
(466)
0001
7.5x
2x
187
(375)
250
(500)
1100
8x
2x
200
(400)
266
(533)
0011
PLL off/bypass
PLL off, SYSCLK clocks core circuitry directly, 1x bus-to-core implied
1111
PLL off
PLL off, no core clocking occurs
Notes:
1. PLL_CFG[0–3] settings not listed are reserved.
2. The sample bus-to-core frequencies shown are for reference only. Some PLL configurations may select bus, core, or VCO
frequencies which are not useful, not supported, or not tested for by the MPC750; see Section 1.4.2.1, “Clock AC
Specifications,” for valid SYSCLK and VCO frequencies.
3. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly, the PLL is disabled, and the bus mode is
set for 1:1 mode operation. This mode is intended for factory use only.
Note: The AC timing specifications given in this document do not apply in PLL-bypass mode.
4. In clock-off mode, no clocking occurs inside the MPC750 regardless of the SYSCLK input.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com