Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC750EC/D Datasheet(PDF) 31 Page - NXP Semiconductors

Part # MPC750EC/D
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC/D Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button MPC750EC/D Datasheet HTML 27Page - NXP Semiconductors MPC750EC/D Datasheet HTML 28Page - NXP Semiconductors MPC750EC/D Datasheet HTML 29Page - NXP Semiconductors MPC750EC/D Datasheet HTML 30Page - NXP Semiconductors MPC750EC/D Datasheet HTML 31Page - NXP Semiconductors MPC750EC/D Datasheet HTML 32Page - NXP Semiconductors MPC750EC/D Datasheet HTML 33Page - NXP Semiconductors MPC750EC/D Datasheet HTML 34Page - NXP Semiconductors MPC750EC/D Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
MPC750A RISC Microprocessor Hardware Specifications
31
System Design Information
1.7.4 Mechanical Dimensions of the MPC750
Figure 17 provides the mechanical dimensions and bottom surface nomenclature of the MPC750, 360
CBGA package.
Figure 17. Mechanical Dimensions and Bottom Surface Nomenclature of the MPC750
1.8 System Design Information
This section provides electrical and thermal design recommendations for successful application of the
MPC750.
DIM
MIN
MAX
MILLIMETERS
A
2.72
3.20
A1
0.80
1.00
A2
1.10
1.30
A3
---
0.60
A4
0.82
0.90
b
D
25.00 BSC
D1
22.86 BSC
D2
---
12.50
D3
2.75
---
D4
6.00
9.00
e
1.27 BSC
E
25.00 BSC
E1
22.86 BSC
E2
---
14.30
E3
3.00
---
E4
8.00
11.00
NOTES:
1.
DIMENSIONS AND TOLERANCING PER ASME
Y14.5M, 1994.
2.
DIMENSIONS IN MILLIMETERS.
3.
DIMENSION b IS THE MAXIMUM SOLDER BALL
DIAMETER MEASURED PARALLEL TO DATUM A.
4.
D2AND E2 DEFINE THEAREA OCCUPIED BY THE
DIE AND UNDERFILL. ACTUAL SIZE OF THIS
AREA MAY BE SMALLER THAN SHOWN. D3 AND
E3 ARE THE MINIMUM CLEARANCE FROM THE
PACKAGE EDGE TO THE CHIP CAPACITORS.
5.
CAPACITORS MAY NOT BE PRESENT ON ALL
DEVICES.
6.
CAUTION MUST BE TAKEN NOT TO SHORT
EXPOSED METAL CAPACITOR PADS ON
PACKAGE TOP.
0.3 A
0.15 A
0.25 A
C
L
A
D
E
C
E4
E2
B
PIN A1
INDEX
2X
D4
D2
D3
2X
E3
TOP VIEW
18X
2X
0.2
0.2
2X
0.35 A
0.15 A
B C
0.82
0.93
BOTTOM VIEW
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
123456789 10111213141516171819
C
L
SIDE VIEW
A
D1
E1
360X
b
e
18X
e
A1
A2
A3
A4
360X
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com