Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC750EC/D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPC750EC/D
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC/D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPC750EC/D Datasheet HTML 4Page - NXP Semiconductors MPC750EC/D Datasheet HTML 5Page - NXP Semiconductors MPC750EC/D Datasheet HTML 6Page - NXP Semiconductors MPC750EC/D Datasheet HTML 7Page - NXP Semiconductors MPC750EC/D Datasheet HTML 8Page - NXP Semiconductors MPC750EC/D Datasheet HTML 9Page - NXP Semiconductors MPC750EC/D Datasheet HTML 10Page - NXP Semiconductors MPC750EC/D Datasheet HTML 11Page - NXP Semiconductors MPC750EC/D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
MPC750A RISC Microprocessor Hardware Specifications
Electrical and Thermal Characteristics
Table 4 provides the package thermal characteristics for the MPC750.
The MPC750 incorporates a thermal management assist unit (TAU) composed of a thermal sensor,
digital-to-analog converter, comparator, control logic, and dedicated special-purpose registers (SPRs). See
the MPC750 RISC Microprocessor User’s Manual for more information on the use of this feature.
Specifications for the thermal sensor portion of the TAU are found in Table 5.
L2 bus supply voltage
L2OVdd
2.5 to 3.465
V
Input voltage
Vin
GND to OVdd
V
Die-junction temperature
Tj
0 to 105
°C
Tj
-40 to 105
°C
1
Note: These are the recommended and tested operating conditions. Proper device operation outside of
these conditions is not guaranteed.
1. For extended temperature parts marked MPC750ARXnnnTH or MPC740ARXnnnTH only (where nnn is
the operating frequency from Table 8.
Table 4. Package Thermal Characteristics
Characteristic
Symbol
Value
Rating
CBGA package thermal resistance, junction-to-case thermal resistance (typical)
θ
JC
0.03
°C/W
CBGA package thermal resistance, die junction-to-lead thermal resistance (typical)
θ
JB
3.8
°C/W
Note: Refer to Section 1.8, “System Design Information,” for more details about thermal management.
Table 5. Thermal Sensor Specifications
At recommended operating conditions (See Table 3)
Num
Characteristic
Min
Max
Unit
Notes
1
Temperature range
0
127
°C
1
2
Comparator settling time
20
—
µs
2
3
Resolution
4
—
°C
3
Notes:
1. The temperature is the junction temperature of the die. The thermal assist unit’s raw output does not indicate an
absolute temperature, but it must be interpreted by software to derive the absolute junction temperature. For
information about the use and calibration of the TAU, see Motorola Application Note AN1800/D, “Programming
the Thermal Assist Unit in the MPC750 Microprocessor”.
2. The comparator settling time value must be converted into the number of CPU clocks that need to be written into
the THRM3 SPR.
3. Guaranteed by design and characterization.
Table 3. Recommended Operating Conditions (Continued)
Characteristic
Symbol
MPC750A Value
Unit
Notes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com