Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2K-RJ202-POE Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # T2K-RJ202-POE
Description  TFOCA Media Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

T2K-RJ202-POE Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button T2K-RJ202-POE Datasheet HTML 2Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 3Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 4Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 5Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 6Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 7Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 8Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 9Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
T2 Series Media Converters
6
belfuse.com/cinch
T2F-XXX602 (1000 Mbps, 1310 nm, Singlemode)
Applicable Part Numbers: T2K-DTL602-24V, T2K-DTL602-24V-01, T2K-RJ602-POE, T2K-RJ602-POE-01
Parameter
Symbol
Min
Typical
Max
Unit
Transmit Output Power
P
o
-8
0
dBm
Transmit Output Center Wavelength
λ
OUT
1285
1310
1343
nm
Transmit Output Spectral Width
λ
RMS
4
nm
Transmit Extinction Ratio
ER
8
10
dB
Transmit Rise/Fall Time (10-90%)
t
R
260
ps
Receive Sensitivity
P
I
-20
0
dBm
Receive Wavelength
λ
IN
1270
1355
nm
Fiber Core Diameter
ø
CORE
9
um
T2F-XXX802 (1000 Mbps, 1550 nm, Singlemode)
Applicable Part Numbers: T2K-DTL802-24V, T2K-DTL802-24V-01, T2K-RJ802-POE, T2K-RJ802-POE-01
Parameter
Symbol
Min
Typical
Max
Unit
Transmit Output Power
P
o
-1.0
-
+5.0
dBm
Transmit Output Center Wavelength
λ
OUT
1530
1550
1570
nm
Transmit Output Spectral Width
λ
RMS
-
-
1
nm
Transmit Extinction Ratio
ER
8
10
-
dB
Transmit Rise/Fall Time (10-90%)
t
R
-
-
260
ps
Receive Sensitivity
P
I
-24.0
-
0
dBm
Receive Wavelength
λ
IN
1260
-
1625
nm
Fiber Core Diameter
ø
CORE
-
9
-
um



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com