Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2K-RJ202-POE Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # T2K-RJ202-POE
Description  TFOCA Media Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

T2K-RJ202-POE Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button T2K-RJ202-POE Datasheet HTML 3Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 4Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 5Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 6Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 7Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 8Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 9Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 10Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
T2 Series Media Converters
7
belfuse.com/cinch
Optical Pinout
Pin
Symbol
Type
Signal Description
P1
RX2
Receiver input
Channel 2 optical receive
P2
RX1
Receiver input
Channel 1 optical receive
S1
TX2
Transmitter output
Channel 2 optical transmit
S2
TX1
Transmitter output
Channel 1 optical transmit
TFOCA-II Compatible Optical Interface
TFOCA Key Options
All Cinch TFOCA media converters use TFOCA “
Key Option 1” unless otherwise specified. All other TFOCA key options are available by request.
Link Control
Applicable Part Numbers: T2F-DTL002-24V-01, T2F-RJ002-POE-01, T2K-DTL002-24V-01, T2K-RJ002-POE-01, T2K-DTL202-24V-01,
T2K-RJ202-POE-01, T2K-DTL602-24V-01, T2K-RJ602-POE-01
Link control changes the unit’s behavior during an optical disconnect per the table below.
Link Control
Ethernet Link Status During Optical Disconnect
No (Disabled)
Connected
Yes (Enabled)
Disconnected
Key Option 1
(Standard)
Key Option 2
(By request)
Key Option 3
(By request)
Key Option 4
(By request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com