Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2K-RJ202-POE Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # T2K-RJ202-POE
Description  TFOCA Media Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

T2K-RJ202-POE Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button T2K-RJ202-POE Datasheet HTML 5Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 6Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 7Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 8Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 9Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 10Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 11Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 12Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 13Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
© 2022 Cinch Connectivity Solutions
ds-ccs-stratos-tfoca-t2-series-06102022
North America
+1 321 308 4100
ccsorders@us.cinch.com
belfuse.com/cinch
Asia Pacific
+86 21 5442 7668
ccs.asia.sales@as.cinch.com
Europe, Middle East & Africa
+44 (0) 1245 342060
CinchConnectivity@eu.cinch.com
13
Environmental Compliance
Category
Standard
Conditions
Operating Temperature
MIL-STD-810, Method 501 & 502
-40°C to +71°C
Thermal Shock
MIL-STD-810, Method 503
-40°C to +71°C
High Temp Operating Life
MIL-STD-202G, Section 108A
1000 hours at +71°C
Vibration
MIL-STD-810, Method 514.6
16.9 GRMS, 3 axes, 1 hr per axis
Mechanical Shock
MIL-STD-810, Method 516.6
20G peak, 18ms
Humidity
MIL-STD-810, Method 507.5
85% RH, -32°C to +27°C
Altitude
MIL-STD-810, Method 500
40,000ft transport
MTBF
MIL-HDBK-217FN2
100,000 hours, 30°C GB enviornment
Regulatory Compliance
Requirement
Feature
Condition
Notes
MIL-STD-883-3015.7
ESD
Class II
2200V
IEC-801-2
ESD
Human body model
25KV
IEC-801-3
EMI
Immunity
10V/M
FCC
EMI
Class A
>20dB
IEC-825 ISSUE 1993-11
Eye safety
Class 1
FDA CDRH 21-CFR 1040
Eye safety
Class 1
REVISION HISTORY
Rev
Description
OP
Date
A1
Initial release, combined datasheets
BAA
2021-12-17
A2
RX SENS corrected to -32dBm to -3dBm
BAA
2021-01-04
A3
T2F-002 Optical limit CHG ER min from 7 to 8
BAA
2021-01-06
A4
Paper change only, better image for 800-012-07NF8-13PN,
simplify description on bullet 1 in key benefits & features
BAA
2021-01-07
A5
Maximum rating - min voltage changed to 8V, added extended range 802 product with 1550nm optics,
removed TYP RISE/FALL T2F
BAA
2021-02-18
A6
Add link budget reference section
BAA
2022-03-08
A7
Revise dimensioning & image for 9.5 and 9.6
TD
2022-06-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com