Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2K-RJ202-POE Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # T2K-RJ202-POE
Description  TFOCA Media Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

T2K-RJ202-POE Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button T2K-RJ202-POE Datasheet HTML 5Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 6Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 7Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 8Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 9Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 10Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 11Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 12Page - Bel Fuse Inc. T2K-RJ202-POE Datasheet HTML 13Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
T2 Series Media Converters
9
belfuse.com/cinch
Electrical Pinout
T2K-DTL
Pin
Symbol
Description
5
CH1_TP0+
Channel 1, Twisted Pair, 0 Positive
1
CH1_TP0-
Channel 1, Twisted Pair, 0 Negative
2
CH1_TP1+
Channel 1, Twisted Pair, 1 Positive
3
CH1_TP1-
Channel 1, Twisted Pair, 1 Negative
4
CH1_TP2+
Channel 1, Twisted Pair, 2 Positive
9
CH1_TP2-
Channel 1, Twisted Pair, 2 Negative
15
CH1_TP3+
Channel 1, Twisted Pair, 3 Positive
22
CH1_TP3-
Channel 1, Twisted Pair, 3 Negative
29
CH2_TP0+
Channel 2, Twisted Pair, 0 Positive
23
CH2_TP0-
Channel 2, Twisted Pair, 0 Negative
35
CH2_TP1+
Channel 2, Twisted Pair, 1 Positive
34
CH2_TP1-
Channel 2, Twisted Pair, 1 Negative
37
CH2_TP2+
Channel 2, Twisted Pair, 2 Positive
36
CH2_TP2-
Channel 2, Twisted Pair, 2 Negative
28
CH2_TP3+
Channel 1, Twisted Pair, 3 Positive
33
CH2_TP3-
Channel 1, Twisted Pair, 3 Negative
10, 11, 16, 17, 18
VCC
+9 to +32 VDC Input Power
6, 12, 13, 19, 20, 25, 26
GND
Ground
7, 8, 14, 21, 24, 27, 30, 31, 32
NC
No Connect
Glenair 800-012-07MT12-37PN
Mil Circular Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com