Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB52S Datasheet(PDF) 2 Page - ITT Industries

Part # 2DB52S
Description  The Centi Line - .075 Contact Spacing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

2DB52S Datasheet(HTML) 2 Page - ITT Industries

  2DB52S Datasheet HTML 1Page - ITT Industries 2DB52S Datasheet HTML 2Page - ITT Industries 2DB52S Datasheet HTML 3Page - ITT Industries 2DB52S Datasheet HTML 4Page - ITT Industries 2DB52S Datasheet HTML 5Page - ITT Industries 2DB52S Datasheet HTML 6Page - ITT Industries 2DB52S Datasheet HTML 7Page - ITT Industries 2DB52S Datasheet HTML 8Page - ITT Industries 2DB52S Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
How to Order
SERIES
NOTE: Connectors may be ordered less contacts by adding the mod callout "FO" at end of number.
Contacts are then supplied in bulk form.
* Accommodates AWG #26 thru #22
2D
2D
E
AF
19
31
S
PBR * * * *
SERIES
2D - Double Density D
19, 31, 52, 79 and 100
BR - 90˚ right angle PCB mounting
(For BR Series use "P" to designate jackpost)
F171 - Jackpost assembly
F172 - Standard jackscrew
F173 - Low profile jackscrew
For other modifications consult factory
P - Pin
S - Socket
E, A, B, C and D
Omit if not required
SHELL SIZE
SHELL SIZE
FLOAT MOUNTS
FLOAT MOUNTS
CONTACT ARRANGEMENT
CONTACT ARRANGEMENT
CONTACT TYPE
CONTACT TYPE*
TERMINATION
TERMINATION
MODIFICATION
MODIFICATION
RoHS COMPLIANCE
R
Double Density D - .075" Contact Spacing
2D
The Double Density D is a rectangular connector in
the popular D Subminiature shell configuration
featuring double the contact density in the same
insert area. The Double Density D connector can
thus accommodate up to 100 contacts instead of 50.
This double contact density is achieved by using
field-proven, highly reliable CentipinTM/CentisocketTM
contacts on .075 (1.91) centers, in the positive con-
tact alignment design. In this design contact
positions are reversed; the flexible CentipinTM
contacts are recessed in the insulator and the more
rugged CentisocketTM contacts are exposed. This
reversal of positions, and the chamfered-entry of the
sockets, assures positive mating even under severe
misalignment conditions. The contacts are retained
in the monobloc insulator by a resilient internal
shoulder that snaps into a locking groove in the con-
tact. The chamfered front of the contact will not
damage the internal shoulder in the insulator.
Contacts are crimp removable type.
The Double Density D connector is available in the
five popular shell and insert sizes accommodating up
to 100 contacts. These connectors mate exclusively
with other Double Density D connectors. A wide
range of accessories can be used, including junction
shells, potting cups, switching shells, guide pin
plates, and dust caps.
1. STANDARD D HARDWARE-
2. ONE PIECE MONOBLOCK INSULATOR-
Including full range of D-Subminiature accessories
glass-filled nylon material
thermoplastic internal shoulder snaps into a locking groove in the contact.
seven outer wiping surfaces assure electrical continuity even under severe
shock and vibration
flexible pin is recessed in insulator cavity and rugged socket is exposed
assure alignment during mating and prevent scooping
Retention Force: 8 lbs. min. initially, 4 lbs. min. after 10 cycles.
3. CONTACT RETENTION-
4. TWIST PIN CONTACTS-
5. POSTIVE CONTACT ALIGNMENT-
6. GUIDE-IN KEYS AND KEYWAYS-
1
2
3
4
5
6
Specifications
WEIGHT
Part Number
by shell size
2DE19P
2DE19S
2DA31P
2DA31S
2DB52P
2DB52S
2DC79P
2DC79S
2DD100P
2DD100S
4.05
3.75
5.20
4.90
8.75
7.15
11.70
9.70
12.85
10.95
5.02
5.17
6.78
7.22
11.40
11.05
15.73
15.62
17.95
18.45
.142
.133
.183
.173
.308
.252
.413
.342
.453
.386
*Shell
Mounting Hardware
and Float Mounts
Insulator
Contacts
Alternate finish,
Modification Code
Steel, cadmium plated with yellow chro-
mate supplementary coating
Stainless steel
Glass-filled nylon
Copper alloy, gold plate
A106 Gold over brass
A156 Gold over brass
A197 Tin/Lead over steel
Sizes
Coupling
Polarization
Contact Spacing
Contact Termination
- Five shell sizes: E, A, B, C, and D
- Friction or jackscrew
- Keystone-shaped shells
- .075 (1.91)
- Crimp snap-in
*Brass non-magnetic also available
.177
.182
.239
.255
.402
.390
.555
.551
.633
.651
Weight (in gr.)
Less With Contacts
Weight (in oz.)
Less With Contacts
MATERIALS AND FINISHES
MECHANICAL FEATURES
-
-
-
-
-
60
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com