Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB52S Datasheet(PDF) 1 Page - ITT Industries

Part # 2DB52S
Description  The Centi Line - .075 Contact Spacing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

2DB52S Datasheet(HTML) 1 Page - ITT Industries

  2DB52S Datasheet HTML 1Page - ITT Industries 2DB52S Datasheet HTML 2Page - ITT Industries 2DB52S Datasheet HTML 3Page - ITT Industries 2DB52S Datasheet HTML 4Page - ITT Industries 2DB52S Datasheet HTML 5Page - ITT Industries 2DB52S Datasheet HTML 6Page - ITT Industries 2DB52S Datasheet HTML 7Page - ITT Industries 2DB52S Datasheet HTML 8Page - ITT Industries 2DB52S Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
59
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
The Centi Line - .075" Contact Spacing
Standard Data
The Cannon Centi connectors are especially
suitable for commercial applications such as
computers, instrumentation, communications
and audio equipment. They are available in D
subminiature size metal shell rectangular, plas-
tic shell rectangular and strip configurations.
All Centi connectors use the reliable twist pin
contact design in a 5 amp version terminated
on .075 (1.91) and .100 (2.54) centers. The
Centi contact is crimp removable, connectors
are available for customer assembly. Standard
crimp and assembly tools are available.
The twist pin contact is recessed within the
insulator housing while the rugged cylindrical
socket is exposed. When the connector halves
are mated, the chamfered sockets guide the
pins into positive alignment. The CentipinTM
contact, now under compression, forms a
multi-point contact with the CentisocketTM to
provide a high degree of reliability.
• Contact rating: 5 amps max, except BR
Series (2 amps max.)
• Minimum contact centers: 0.075 (1.91).
• Wire sizes: #22 thru #26 AWG, stranded or
solid.
• Contact termination: Multiple indent crimp.
• Contact retention: Crimp snap-in/removable.
• Contact materials and finish: Copper alloy,
gold- plated per ASTM B488, Type II, Code
C, Class 1.25.
• Mating/unmating force: 12 oz. per contact,
max.
Performance Data
Test
Method 301:
1,000 VAC at sea level
300 VAC at 70,000' altitude
Method 302, Condition A
Method 107, Condition A
+55˚C to +85˚C
Method 213, Condition I:
100 G's, 3 axes, 6 millisecond
duration sawtooth pulse
Method 204, Condition B:
15 G's, 10-2,000 Hz, 12 hours
500 cycles of mating and
unmating, 500 CPH max.
Method 106, Omit 7a and 7b
Method 101, Condition B:
48 hours
Method 307:
At 5 amps
-
No breakdown
No breakdown
5,000 megohms minimum
No physical damage
No physical damage
No loss of continutiy> 1/µsec
No physical damage
No loss of continuity> 1µsec
No mechanical or electrical defects
Insulation resistance > 100 megohms
Shall be capable of mating and unmating
and meet contact resistance requirements
9 milliohms maximum
4 lb. minimum axial load
(after 10 insertion extraction cycles)
Dielectric Withstanding
Voltage
Insulation Resistance
Thermal Shock
Physical Shock
Vibration
Durability
Moisture Resistance
Salt Spray
Contact Resistance
Contact Retention
Method
Criteria of Acceptance


Similar Part No. - 2DB52S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1119S DIODES-2DB1119S Datasheet
201Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31298 Rev. 2 - 2
2DB1119S-13 DIODES-2DB1119S-13 Datasheet
201Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31298 Rev. 2 - 2
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
Rev 2
2DB1132P DIODES-2DB1132P Datasheet
190Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31142 Rev. 4 - 2
2DB1132P-13 DIODES-2DB1132P-13 Datasheet
190Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31142 Rev. 4 - 2
More results

Similar Description - 2DB52S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF331 MOTOROLA-MRF331 Datasheet
149Kb / 4P
The RF Line
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
The Micro Line - .050" Contact Spacing
logo
New Jersey Semi-Conduct...
MRF486 NJSEMI-MRF486 Datasheet
101Kb / 2P
The RF Line
MRF497 NJSEMI-MRF497 Datasheet
92Kb / 2P
The RF Line
MRF233 NJSEMI-MRF233 Datasheet
88Kb / 2P
The R.F Line
MRF207 NJSEMI-MRF207 Datasheet
85Kb / 2P
The RF Line
logo
ITT Industries
MDM-25PSB ITT-MDM-25PSB Datasheet
825Kb / 17P
The Micro Line - .050 Contact Spacing
logo
List of Unclassifed Man...
FD235HFC829 ETC2-FD235HFC829 Datasheet
26Kb / 1P
Please contact the vendor
PH-131 ETC2-PH-131 Datasheet
23Kb / 1P
Please contact the vendor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com