Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB52S Datasheet(PDF) 6 Page - ITT Industries

Part # 2DB52S
Description  The Centi Line - .075 Contact Spacing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

2DB52S Datasheet(HTML) 6 Page - ITT Industries

Back Button 2DB52S Datasheet HTML 2Page - ITT Industries 2DB52S Datasheet HTML 3Page - ITT Industries 2DB52S Datasheet HTML 4Page - ITT Industries 2DB52S Datasheet HTML 5Page - ITT Industries 2DB52S Datasheet HTML 6Page - ITT Industries 2DB52S Datasheet HTML 7Page - ITT Industries 2DB52S Datasheet HTML 8Page - ITT Industries 2DB52S Datasheet HTML 9Page - ITT Industries 2DB52S Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
64
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Double Density D - .075" Contact Spacing
2D
Panel Cutouts
G
B
A
F
E
K TYP R
FULL R
D
C
C
D
G
.032 (0.81) R MAX. TYP
10˚0' TYP.
H
Mtg.
Method
A
+
_ .005 (0.13)
B
+
_ .005 (0.13)
C
+
_ .005 (0.13)
D
+
_ .005 (0.13)
E
+
_ .005 (0.13)
F
+
_ .005 (0.13)
G
+
_ .002 (0.05)
H
+
_ .002 (0.05)
K
+
_ .002 (0.05)
Conn.
2DE
2DA
2DB
2DC
2DD
Front
Rear
Front
Rear
Front
Rear
Front
Rear
Front
Rear
.874 (22.20)
.806 (20.47)
1.202 (30.53)
1.134 (28.80)
1.743 (44.27)
1.674 (42.52)
2.391 (60.73)
2.326 (59.08)
2.297 (58.34)
2.218 (56.34)
.437 (11.10)
.403 (10.24)
.601 (15.26)
.567 (14.40)
.872 (22.15)
.837 (21.26)
1.196 (30.38)
1.163 (29.54)
1.149 (29.18)
1.109 (28.17)
.984 (24.99)
.984 (24.99)
1.312 (33.32)
1.312 (33.32)
1.852 (47.04)
1.852 (47.04)
2.500 (63.50)
2.500 (63.50)
2.406 (61.11)
2.406 (61.11)
.492 (12.50)
.492 (12.50)
.656 (16.66)
.656 (16.66)
.926 (23.52)
.926 (23.52)
1.250 (31.75)
1.250 (31.75)
1.203 (30.56)
1.203 (30.56)
.513 (13.03)
.449 (11.40)
.513 (13.03)
.449 (11.40)
.513 (13.03)
.449 (11.40)
.513 (13.03)
.449 (11.40)
.623 (15.82)
.555 (14.10)
.257 (6.53)
.225 (5.71)
.257 (6.53)
.225 (5.71)
.257 (6.53)
.225 (5.71)
.257 (6.53)
.225 (5.71)
.312 (7.92)
.278 (7.06)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.060 (1.52)
.060 (1.52)
.060 (1.52)
.060 (1.52)
.060 (1.52)
.060 (1.52)
.060 (1.52)
.060 (1.52)
.060 (1.52)
.060 (1.52)
.083 (2.11)
.132 (3.35)
.083 (2.11)
.132 (3.35)
.083 (2.11)
.132 (3.35)
.083 (2.11)
.132 (3.35)
.083 (2.11)
.132 (3.35)
For contact part numbers, termination tooling and assembly see pages 67-69.
Panel Mounting
3/32 THICKNESS (REF.)
RECOMMENDED
RIVET THICKNESS
RIVET THICKNESS
Front Mounting
Standard
Rear Mounting
Standard
Front Mounting
Float
Rear Mounting
Float



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com