Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB52S Datasheet(PDF) 9 Page - ITT Industries

Part # 2DB52S
Description  The Centi Line - .075 Contact Spacing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

2DB52S Datasheet(HTML) 9 Page - ITT Industries

Back Button 2DB52S Datasheet HTML 3Page - ITT Industries 2DB52S Datasheet HTML 4Page - ITT Industries 2DB52S Datasheet HTML 5Page - ITT Industries 2DB52S Datasheet HTML 6Page - ITT Industries 2DB52S Datasheet HTML 7Page - ITT Industries 2DB52S Datasheet HTML 8Page - ITT Industries 2DB52S Datasheet HTML 9Page - ITT Industries 2DB52S Datasheet HTML 10Page - ITT Industries 2DB52S Datasheet HTML 11Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
67
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
The Centi Line - .075" Contact Spacing
2D/CTA
Contacts
A resilient internal shoulder retains the contacts in the
insulator housing. The front of the contact is chamfered
to prevent damage to the internal shoulder as the
contact is pushed into position.
Subtract .064 (1.63) +
_ .010 (.25) from pigtail
length when used in 2D pin insulator for potting
well of connector assembly.
Subtract .081 (2.08) +
_ .010 (.25) from pigtail
length when used in 2D socket insulator for
potting well of connector assembly.
Contact Part Number
Part Number
Pin
031-9540-000
031-9540-004
031-9540-005
030-9542-001
030-9542-002
030-9542-004
Standard 30µin. plating
50µ in. plating
50µ in. plating
NOTE: Plating, except as noted, is 30 micro-inch gold.
Consult factory for any tail size or plating requirements.
Special crimp locator required. Part number: 995-0001-714. (L3198-CL-PSL)
Use special insertion tip (323-9510-016 &-017).
*
**
***
With inspection hole;
50µ in. plating
P.C. tail
.026 dia. x .083 lg. Soc.
N/A
030-9542-011
P.C. tail
.020 dia. x
030-9542-012
Long crimp
barrel **
030-9542-014
Small crimp bore
For AWG #32 & 30
030-9556-000
***
Small crimp bore
For AWG #28 & 30
030-9542-022
.183 lg. Soc.
.183 lg. Pin
P.C. tail
.020 dia. x
030-9542-015
P.C. tail
.018 dia. x
030-9542-016
*031-9540-013
031-9540-016
031-9540-022
***
031-9540-007
*031-9540-015
*031-9540-019
.232 lg. Soc.
.255 lg. Pin
.444 lg. Soc.
.445 lg. Pin
Socket
Type
Pin
Socket
P.C. Tail Contacts
2D and Centi-Loc Crimp and Assembly Tools
Insertion Tools For Standard Contact
Insertion Tools For Long Crimp barrel Contacts
Extraction Tools
Tool
M22520/2-01
CIET-CTA
Handle
CTA-AB
Assembly Holding
Block
Part Number: 328-9508-000
Socket Extraction
Tip
Pin Extraction
Tip
Insertion Tips
Description
Part Number
AWG
Size*
22
24
26
28
30/P.C. Tail
AWG
Size*
Tip Part Number ***
Pin Contact
Tip Part Number ***
Socket Contact
22
24
26
Contact
CENTIPIN
CENTISOCKET
Description
CET-P-CTA-2
CET-S-CTA-1
Kit Part Number
(handle and tip)
Tip Part
Number
Handle Part
Number
070112-0002
070113-0001
324-9502-000
324-9501-000
204-9500-000
204-9500-000
Handle
Part Number***
204-9500-000
204-9500-000
204-9500-000
323-9510-008
323-9510-009
323-9510-010
323-9510-012
323-9510-013
323-9510-014
Based on wire size per MIL-W-16878 with Type E insulation, use smaller tool for wire with thin
insulation, larger tool for wire having thick insulation.
The 5 insertion tips (part numbers 323-9510-001 thru - 005). plus handle, and the pin and socket
extaction tips maybe ordered as a SINGLE KIT by specifying the part number CIET-CTA-2.
[Part number: 070143-0002].
*
**
To order the SINGLE KIT for the long crimp barrel contact (tip part numbers 323-9510-008 thru
-014, handle and pin and socket extraction tips) please specify CIET-CTA-3.
***
CIT-PS-CTA-22
CIT-PS-CTA-24
CIT-PS-CTA-26
CIT-PS-CTA-28
CIT-PS-CTA-30
323-9510-001
323-9510-002
323-9510-003
323-9510-004
323-9510-005
204-9500-000
204-9500-000
204-9500-000
204-9500-000
204-9500-000
Kit Part Number
(handle and tip)
Tip
Part Number**
Handle
Part Number**
M22520/2-01
995-0001-584
L3198-CLP
995-0001-338
L3198-CLS
995-0001-353
Pin
Socket
Locators



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com