Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3120JRZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3120JRZ
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3120JRZ Datasheet(HTML) 4 Page - Analog Devices

  ADP3120JRZ Datasheet HTML 1Page - Analog Devices ADP3120JRZ Datasheet HTML 2Page - Analog Devices ADP3120JRZ Datasheet HTML 3Page - Analog Devices ADP3120JRZ Datasheet HTML 4Page - Analog Devices ADP3120JRZ Datasheet HTML 5Page - Analog Devices ADP3120JRZ Datasheet HTML 6Page - Analog Devices ADP3120JRZ Datasheet HTML 7Page - Analog Devices ADP3120JRZ Datasheet HTML 8Page - Analog Devices ADP3120JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADP3120
Rev. 0 | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC
–0.3 V to +15 V
BST
–0.3 V to VCC +15 V
BST to SW
–0.3 V to +15 V
SW
DC
–5 V to +15 V
<200 ns
–10 V to +25 V
DRVH
DC
SW – 0.3 V to BST + 0.3 V
<200 ns
SW – 2 V to BST + 0.3 V
DRVL
DC
–0.3 V to VCC + 0.3 V
<200 ns
–2 V to VCC + 0.3 V
IN, OD
–0.3 V to 6.5 V
θJA, SOIC
2-Layer Board
123°C/W
4-Layer Board
90°C/W
θJA, LFCSP1
4-Layer Board
50°C/W
Operating Ambient Temperature
Range
0°C to 85°C
Junction Temperature Range
0°C to 150°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature Range
Soldering (10 sec)
Vapor Phase (60 sec)
Infrared (15 sec)
300°C
215°C
260°C
1 For LFCSP, θJA is measured per JEDEC STD with exposed pad soldered to PCB.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Unless otherwise specified, all voltages are referenced to PGND.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com