Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3120JRZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3120JRZ
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3120JRZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3120JRZ Datasheet HTML 8Page - Analog Devices ADP3120JRZ Datasheet HTML 9Page - Analog Devices ADP3120JRZ Datasheet HTML 10Page - Analog Devices ADP3120JRZ Datasheet HTML 11Page - Analog Devices ADP3120JRZ Datasheet HTML 12Page - Analog Devices ADP3120JRZ Datasheet HTML 13Page - Analog Devices ADP3120JRZ Datasheet HTML 14Page - Analog Devices ADP3120JRZ Datasheet HTML 15Page - Analog Devices ADP3120JRZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP3120
Rev. 0 | Page 13 of 16
OUTLINE DIMENSIONS
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
× 45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-012-AA
Figure 17. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters (inches)
1
EXPOSED
PAD
(BOTTOM VIEW)
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
1.50
REF
0.50
0.40
0.30
2.75
BSC SQ
TOP
VIEW
12° MAX
0.70 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
0.90 MAX
0.85 NOM
0.30
0.23
0.18
0.05 MAX
0.01 NOM
0.20 REF
1.89
1.74
1.59
4
1.60
1.45
1.30
3.00
BSC SQ
5
8
Figure 18. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
3 mm x 3 mm Body, Very Thin, Dual-Lead
(CP-8-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Package Description
Package
Option
Quantity
per Reel
Branding
ADP3120JRZ1
0°C to 85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
N/A
ADP3120JRZ-RL
0°C to 85°C
8-Lead Standard Small Outline Package(SOIC_N)
R-8
2500
ADP3120JCPZ-RL
0°C to 85°C
8-Lead Lead Frame Chip Scale Package (LFCSP_VD)
CP-8-2
2500
L14
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com