Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3120JRZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3120JRZ
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3120JRZ Datasheet(HTML) 1 Page - Analog Devices

  ADP3120JRZ Datasheet HTML 1Page - Analog Devices ADP3120JRZ Datasheet HTML 2Page - Analog Devices ADP3120JRZ Datasheet HTML 3Page - Analog Devices ADP3120JRZ Datasheet HTML 4Page - Analog Devices ADP3120JRZ Datasheet HTML 5Page - Analog Devices ADP3120JRZ Datasheet HTML 6Page - Analog Devices ADP3120JRZ Datasheet HTML 7Page - Analog Devices ADP3120JRZ Datasheet HTML 8Page - Analog Devices ADP3120JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual Bootstrapped 12 V MOSFET
Driver with Output Disable
ADP3120
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
All-in-one synchronous buck driver
Bootstrapped high-side drive
One PWM signal generates both drives
Anticross-conduction protection circuitry
Output disable control turns off both MOSFETs
to float output per Intel® VRM 10 specification
APPLICATIONS
Multiphase desktop CPU supplies
Single-supply synchronous buck converters
GENERAL DESCRIPTION
The ADP3120 is a dual, high voltage MOSFET driver optimized
for driving two N-channel MOSFETs, the two switches in a non-
isolated synchronous buck power converter. Each of the drivers
is capable of driving a 3000 pF load with a 45 ns propagation
delay and a 25 ns transition time. One of the drivers can be
bootstrapped and is designed to handle the high voltage slew
rate associated with floating high-side gate drivers. The
ADP3120 includes overlapping drive protection to prevent
shoot-through current in the external MOSFETs.
The OD pin shuts off both the high-side and the low-side
MOSFETs to prevent rapid output capacitor discharge during
system shutdown.
The ADP3120 is specified over the commercial temperature
range of 0°C to 85°C and is available in 8-lead SOIC and 8-lead
LFCSP packages.
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
2
3
OD
IN
ADP3120
VCC
BST
DRVH
SW
DRVL
PGND
DELAY
VCC
6
DELAY
CMP
CMP
1V
4
1
7
CONTROL
LOGIC
6
5
8
RBST
RG
CBST1
D1
CBST2
12V
Q1
TO
INDUCTOR
Q2
Figure 1.


Similar Part No. - ADP3120JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
3/06-Revision 0
logo
ON Semiconductor
ADP3120A ONSEMI-ADP3120A Datasheet
132Kb / 8P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 3
logo
Analog Devices
ADP3120AJCPZ-RL AD-ADP3120AJCPZ-RL Datasheet
292Kb / 16P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
3/06-Revision 0
logo
ON Semiconductor
ADP3120AJCPZ-RL ONSEMI-ADP3120AJCPZ-RL Datasheet
132Kb / 8P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 3
ADP3120AJCPZ-RL ONSEMI-ADP3120AJCPZ-RL Datasheet
126Kb / 8P
Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
More results

Similar Description - ADP3120JRZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
logo
Analog Devices
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
8/04-Data Sheet Changed from Rev. A to Rev. B
ADP3118 AD-ADP3118 Datasheet
370Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
4/05-Revision 0
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
3/06-Revision 0
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
6/05-Revision 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com