Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3120JRZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3120JRZ
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3120JRZ Datasheet(HTML) 5 Page - Analog Devices

  ADP3120JRZ Datasheet HTML 1Page - Analog Devices ADP3120JRZ Datasheet HTML 2Page - Analog Devices ADP3120JRZ Datasheet HTML 3Page - Analog Devices ADP3120JRZ Datasheet HTML 4Page - Analog Devices ADP3120JRZ Datasheet HTML 5Page - Analog Devices ADP3120JRZ Datasheet HTML 6Page - Analog Devices ADP3120JRZ Datasheet HTML 7Page - Analog Devices ADP3120JRZ Datasheet HTML 8Page - Analog Devices ADP3120JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADP3120
Rev. 0 | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
BST
1
IN
2
OD
3
VCC
4
DRVH
8
SW
7
PGND
6
DRVL
5
ADP3120
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC Pin Configuration
PIN 1
INDICATOR
1
BST
2
IN
3
OD
4
VCC
7SW
8 DRVH
6 PGND
5 DRVL
TOP VIEW
(Not to Scale)
ADP3120
Figure 3. 8-Lead LFCSP Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BST
Upper MOSFET Floating Bootstrap Supply. A capacitor connected between the BST and SW pins holds this
bootstrapped voltage for the high-side MOSFET as it is switched.
2
IN
Logic Level PWM Input. This pin has primary control of the drive outputs. In normal operation, pulling this pin
low turns on the low-side driver; pulling it high turns on the high-side driver.
3
OD
Output Disable. When low, this pin disables normal operation, forcing DRVH and DRVL low.
4
VCC
Input Supply. This pin should be bypassed to PGND with an ~1 μF ceramic capacitor.
5
DRVL
Synchronous Rectifier Drive. Output drive for the lower (synchronous rectifier) MOSFET.
6
PGND
Power Ground. Should be closely connected to the source of the lower MOSFET.
7
SW
This pin is connected to the buck-switching node, close to the upper MOSFET source. It is the floating return for
the upper MOSFET drive signal. It is also used to monitor the switched voltage to prevent the lower MOSFET
from turning on until the voltage is below ~1 V.
8
DRVH
Buck Drive. Output drive for the upper (buck) MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com