Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7762ARWZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7762ARWZ
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762ARWZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7762ARWZ Datasheet HTML 9Page - Analog Devices ADE7762ARWZ Datasheet HTML 10Page - Analog Devices ADE7762ARWZ Datasheet HTML 11Page - Analog Devices ADE7762ARWZ Datasheet HTML 12Page - Analog Devices ADE7762ARWZ Datasheet HTML 13Page - Analog Devices ADE7762ARWZ Datasheet HTML 14Page - Analog Devices ADE7762ARWZ Datasheet HTML 15Page - Analog Devices ADE7762ARWZ Datasheet HTML 16Page - Analog Devices ADE7762ARWZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Preliminary Technical Data
ADE7762
Rev. PrB | Page 13 of 28
THEORY OF OPERATION
The six signals from the current and voltage transducers are
digitized with ADCs. These ADCs are 16-bit second-order ∑-Δ
with an oversampling rate of 833 kHz. This analog input
structure greatly simplifies transducer interface by providing a
wide dynamic range and bipolar input for direct connection to
the transducer. High-pass filters in the current channels remove
the dc component from the current signals. This eliminates any
inaccuracies in the active power calculation due to offsets in the
voltage or current signals (see the HPF and Offset Effects
section).
The active power calculation is derived from the instantaneous
power signal. The instantaneous power signal is generated by a
direct multiplication of the current and voltage signals of each
phase. In order to extract the active power component, the dc
component, the instantaneous power signal is low-pass filtered
on each phase. Figure 16 illustrates the instantaneous active
power signal and shows how the active power information can
be extracted by low-pass filtering the instantaneous power
signal. This method is used to extract the active power
information on each phase of the polyphase system. The total
active power information is then obtained by adding the
individual phase active power. This scheme correctly calculates
active power for nonsinusoidal current and voltage waveforms
at all power factors. All signal processing is carried out in the
digital domain for superior stability over temperature and time.
The low frequency output of the ADE7762 is generated by
accumulating the total active power information. This low
frequency inherently means a long accumulation time between
output pulses. The output frequency is therefore proportional to
the average active power. This average active power information
can, in turn, be accumulated (for example, by a counter) to
generate active energy information. Because of its high output
frequency and therefore shorter integration time, the CF output
is proportional to the instantaneous active power. This pulse is
useful for system calibration purposes that would take place
under steady load conditions.
POWER FACTOR CONSIDERATIONS
Low-pass filtering, the method used to extract the active power
information from the individual instantaneous power signal, is
still valid when the voltage and current signals of each phase are
not in phase. Figure 17 displays the unity power factor
condition and a displacement power factor (DPF) = 0.5, that is,
current signal lagging the voltage by 60°, for one phase of the
polyphase. Assuming that the voltage and current waveforms
are sinusoidal, the active power component of the instantaneous
power signal (the dc term) is given by
( )
°
×
⎟
⎠
⎞
⎜
⎝
⎛ ×
60
cos
2
1
V
(1)
TIME
IAP
IAN
VAP
HPF
LPF
IBP
IBN
VBP
ICP
ICN
VCP
VN
DIGITAL-TO-
FREQUENCY
DIGITAL-TO-
FREQUENCY
F1
F2
CF
INSTANTANEOUS
ACTIVE POWER SIGNAL
INSTANTANEOUS
POWER SIGNAL - p(t)
INSTANTANEOUS
TOTAL
POWER SIGNAL
VA × IA + VB × IB +
VC × IC
2
ABS
|X|
Σ
Σ
Σ
LPF
LPF
|X|
|X|
p(t) = i(t) × v(t)
WHERE:
2
{1+ cos (2
ωt)}
v(t) = V × cos (
ωt)
i(t) = I × cos (
ωt)
p(t) = V × I
V× I
2
V× I
V × I
2
MULTIPLIER
MULTIPLIER
MULTIPLIER
HPF
HPF
ADC
ADC
ADC
ADC
ADC
ADC
Figure 16. Signal Processing Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com