Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7762ARWZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADE7762ARWZ
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762ARWZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE7762ARWZ Datasheet HTML 12Page - Analog Devices ADE7762ARWZ Datasheet HTML 13Page - Analog Devices ADE7762ARWZ Datasheet HTML 14Page - Analog Devices ADE7762ARWZ Datasheet HTML 15Page - Analog Devices ADE7762ARWZ Datasheet HTML 16Page - Analog Devices ADE7762ARWZ Datasheet HTML 17Page - Analog Devices ADE7762ARWZ Datasheet HTML 18Page - Analog Devices ADE7762ARWZ Datasheet HTML 19Page - Analog Devices ADE7762ARWZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADE7762
Preliminary Technical Data
Rev. PrB | Page 16 of 28
TYPICAL CONNECTION DIAGRAMS
CURRENT CHANNEL CONNECTION
Figure 20 shows a typical connection diagram for the current
channel (IA). A current transformer (CT) is the current trans-
ducer selected for this example. Notice the common-mode
voltage for the current channel is AGND and is derived by
center tapping the burden resistor to AGND. This provides the
complementary analog input signals for IAP and IAN. The CT
turns ratio and burden resistor Rb are selected to give a peak
differential voltage of ±500 mV at maximum load.
In theory it is better to center tap Rb; however, this requires
very careful attention to the layout and matching of the resistors
to ensure that the channels have the same resistance. A single
resistor may be more practical and is a valid design choice.
IAP
±500mV
Rb
Rf
Rf
CT
NEUTRAL
PHASE
IP
IAN
Cf
Cf
Figure 20. Typical Connection for Current Channels
VOLTAGE CHANNELS CONNECTION
Figure 21 shows two typical connections for the voltage chan-
nel. The first option uses a potential transformer (PT) to pro-
vide complete isolation from the main voltage. In the second
option, the ADE7762 is biased around the neutral wire, and a
resistor divider is used to provide a voltage signal proportional
to the line voltage. Adjusting the ratio of Ra, Rb, and VR is a
convenient way of carrying out a gain calibration on the meter.
VR can be implemented using either a potentiometer or a
binary weighted series of resistors. Either configuration works,
however, the potentiometer is subject to noise over time. Two
fixed value resistors can be used in place of VR to minimize the
noise.
±500mV
Ra
*
Rb
*
VR
*
VAP
AGND
Rf
Rf
PT
NEUTRAL
PHASE
VN
Cf
Cf
VAP
Rf
NEUTRAL
PHASE
VN
Cf
Cf
* Ra >> Rf + VR; * Rb + VR = Rf
±500mV
Figure 21. Typical Connections for Voltage Channels
METER CONNECTIONS
In 3-phase service, two main power distribution services exist:
3-phase 4-wire or 3-phase 3-wire. The additional wire in the
3-phase 4-wire arrangement is the neutral wire. The voltage
lines have a phase difference of ±120° (±2π/3 radians) between
each other (see Equation 6).
()
( )
()
()
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
×
×
=
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
×
×
=
ω
×
×
=
3
4
cos
2
3
2
cos
2
cos
2
t
V
t
V
t
V
t
V
t
V
t
V
l
C
C
l
B
B
l
A
A
(6)
where VA, VB, and VC represent the voltage rms values of the
different phases.
The current inputs are represented by
()
(
)
()
()
⎭
⎬
⎫
⎩
⎨
⎧
φ
+
π
+
ω
×
=
⎭
⎬
⎫
⎩
⎨
⎧
φ
+
π
+
ω
×
=
φ
+
ω
×
=
C
l
C
C
B
l
B
B
A
l
A
A
t
I
t
I
t
I
t
I
t
I
t
I
3
4
cos
2
3
2
cos
2
cos
2
(7)
where:
IA, IB, and IC represent the rms value of the current of each
phase.
φ
A
, φB, and φC represent the phase difference of the current and
voltage channel of each phase.
The instantaneous powers can then be calculated as follows:
PA(t) = VA(t) × IA(t)
PB(t) = VB(t) × IB(t)
PC(t) = VC(t) × IC(t)
Then:
( )
( )
(
)
()
()
()
()
⎟
⎠
⎞
⎜
⎝
⎛
φ
+
π
+
ω
×
×
−
φ
×
×
=
⎟
⎠
⎞
⎜
⎝
⎛
φ
+
π
+
ω
×
×
−
φ
×
×
=
φ
+
ω
×
×
−
φ
×
×
=
C
l
C
C
C
C
C
C
B
l
B
B
B
B
B
B
A
l
A
A
A
A
A
A
t
I
V
I
V
t
P
t
I
V
I
V
t
P
t
I
V
I
V
t
P
3
8
2
cos
cos
3
4
2
cos
cos
2
cos
cos
(8)
As shown in Equation 8, in the ADE7762, the active power
calculation per phase is made when current and voltage inputs
of one phase are connected to the same channel (A, B, or C).
Then the summation of each individual active power calcula-
tion gives the total active power information, P(t) = PA(t) +
PB(t) + PC(t).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com