Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7762ARWZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7762ARWZ
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762ARWZ Datasheet(HTML) 3 Page - Analog Devices

  ADE7762ARWZ Datasheet HTML 1Page - Analog Devices ADE7762ARWZ Datasheet HTML 2Page - Analog Devices ADE7762ARWZ Datasheet HTML 3Page - Analog Devices ADE7762ARWZ Datasheet HTML 4Page - Analog Devices ADE7762ARWZ Datasheet HTML 5Page - Analog Devices ADE7762ARWZ Datasheet HTML 6Page - Analog Devices ADE7762ARWZ Datasheet HTML 7Page - Analog Devices ADE7762ARWZ Datasheet HTML 8Page - Analog Devices ADE7762ARWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Preliminary Technical Data
ADE7762
Rev. PrB | Page 3 of 28
SPECIFICATIONS
VDD = 5 V ± 5%, AGND = DGND = 0 V, on-chip reference, CLKIN = 10 MHz, TMIN to TMAX = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
ACCURACY1, 2
Measurement Error on
Current Channel
Voltage channel with full-scale signal (±500 mV),
25°C, over a dynamic range of 500 to 1
0.1
% Reading
Phase Error Between
Channels
PF = 0.8 Capacitive
±0.1
Degrees
PF = 0.5 Capacitive
±0.1
Degrees
AC Power Supply Rejection
SCF = 0, S0 = S1 = 1
Output Frequency
Variation (CF)
IA = IB = IC = 100 mV rms,
VA = VB = VC = 100 mV rms @ 50 Hz,
Ripple on VDD of 200 mV rms @ 100 Hz
0.01
% Reading
DC Power Supply Rejection
S1 = 1; S0 = SCF = 0
Output Frequency
Variation (CF)
V1 = 100 mV rms, V2 = 100 mV rms,
VDD = 5 V ± 250 mV
0.1
% Reading
ANALOG INPUTS
See Analog Inputs section
Maximum Signal Levels
VAP – VN, VBP – VN, VCP – VN, IAP – IAN, IBP – IBN, ICP – ICN
±0.5
V peak
difference
Input Impedance (DC)
CLKIN = 10 MHz
370
410
kΩ
Bandwidth (−3 dB)
CLKIN/256, CLKIN = 10 MHz
14
kHz
ADC Offset Error1, 2
±25
mV
Gain Error
External 2.5 V reference, IA = IB = IC = 500 mV dc
±9
% Ideal
REFERENCE INPUT
REFIN/OUT Input Voltage
Range
2.4 V + 8%
2.6
V
2.4 V − 8%
2.2
V
Input Impedance
3.3
kΩ
Input Capacitance
10
pF
ON-CHIP REFERENCE
Nominal 2.4 V
Reference Error
±200
mV
Temperature Coefficient
25
ppm/°C
CLKIN
All specifications for CLKIN of 10 MHz
Input Clock Frequency
10
MHz
LOGIC INPUTS3
ACF, S0, S1, and ABS
Input High Voltage, VINH
VDD = 5 V ± 5%
2.4
V
Input Low Voltage, VINL
VDD = 5 V ± 5%
0.8
V
Input Current, IIN
Typically 10 nA, VIN = 0 V to VDD
±3
μA
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS3
F1 and F2
Output High Voltage, VOH
ISOURCE = 10 mA, VDD = 5 V
4.5
V
Output Low Voltage, VOL
ISINK = 10 mA, VDD = 5 V
0.5
V
CF and NEGP
Output High Voltage, VOH
VDD = 5 V, ISOURCE = 5 mA
4.5
V
Output Low Voltage, VOL
VDD = 5 V, ISINK = 5 mA
0.5
V
LED_CTRL
VDD = 5 V, CLKIN = 10 MHz
Output Frequency
17.39
kHz
Output High Voltage
VDD = 5 V, ISOURCE = 10 mA
4.5
V
Output Low Voltage
VDD = 5 V, ISINK = 10 mA
TBD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com