Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7762ARWZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADE7762ARWZ
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762ARWZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE7762ARWZ Datasheet HTML 20Page - Analog Devices ADE7762ARWZ Datasheet HTML 21Page - Analog Devices ADE7762ARWZ Datasheet HTML 22Page - Analog Devices ADE7762ARWZ Datasheet HTML 23Page - Analog Devices ADE7762ARWZ Datasheet HTML 24Page - Analog Devices ADE7762ARWZ Datasheet HTML 25Page - Analog Devices ADE7762ARWZ Datasheet HTML 26Page - Analog Devices ADE7762ARWZ Datasheet HTML 27Page - Analog Devices ADE7762ARWZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADE7762
Preliminary Technical Data
Rev. PrB | Page 24 of 28
Example 3
In this example, the ADE7762 is connected to a 3-phase 3-wire
delta service as shown in Figure 22. The total active energy
calculation processed in the ADE7762 can be expressed as
Total Active Power = (VA – VC) × IA + (VB – VC) × IB
where:
VA, VB, and VC represent the voltage on phase A, phase B, and
phase C, respectively.
IA and IB represent the current on phase A and phase B,
respectively.
As the voltage and current inputs respect Equations 5 and 6, the
total active power (P) is
()
(
) (
) (
)
()
()
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
×
×
×
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
×
×
−
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
×
×
+
ω
×
×
×
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
×
×
−
ω
×
×
=
−
×
−
+
−
−
=
3
2
cos
2
3
4
cos
2
3
2
cos
2
cos
2
3
4
cos
2
cos
2
t
I
t
V
v
t
V
t
I
t
V
t
V
P
IBN
IBP
VC
VB
IAN
IAP
VC
VA
P
l
B
l
C
l
B
l
A
l
C
l
A
(15)
For simplification, assume that ΦA = ΦB = ΦC = 0 and
VA = VB = VC = V. The preceding equation becomes
()
()
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
×
π
+
ω
×
⎟
⎠
⎞
⎜
⎝
⎛ π
×
×
×
+
ω
×
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
×
⎟
⎠
⎞
⎜
⎝
⎛ π
×
×
×
=
3
2
cos
sin
3
sin
2
cos
3
2
sin
3
2
sin
2
t
t
I
V
t
t
I
V
P
l
l
B
l
l
A
(16)
P then becomes
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
+
⎟
⎠
⎞
⎜
⎝
⎛ π
×
×
+
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
+
⎟
⎠
⎞
⎜
⎝
⎛ π
×
×
=
3
2
sin
3
sin
3
2
2
sin
3
2
sin
t
I
VBN
t
I
VAN
P
l
B
l
A
(17)
where:
VAN = V × sin(2π/3).
VBN = V × sin(π/3).
As the LPF on each channel eliminates the 2ωl component of
the equation, the active power measured by the ADE7762 is
2
3
2
3
×
×
+
×
×
=
B
BN
A
AN
I
V
I
V
P
(18)
If full-scale ac voltage of ±500 mV peak is applied to the voltage
channels and current channels, the expected output frequency
is calculated as follows:
value
reference
nominal
V
4
.
2
V
0
IC
V
rms
V
2
5
.
0
ac
peak
V
m
500
IC
IB
IA
V
V
1
1
S
0
S
SCF
,
Hz
60
.
0
F
REF
CN
BN
AN
7
1
=
=
=
=
=
=
=
=
=
=
=
=
=
−
(19)
Note that if the on-chip reference is used, actual output
frequencies can vary from device to device due to reference
tolerance of ±8%.
Hz
139
.
0
2
3
4
.
2
2
2
60
.
0
5
.
0
5
.
0
181
.
6
2
Freq
2
=
×
×
×
×
×
×
×
=
(20)
Table 6 shows a complete listing of all maximum output
frequencies when using all three channel inputs.
Table 6: Maximum Output Frequency on F1 and F2
SCF
S1
S0
Maximum
Frequency for AC
Inputs (Hz)
Maximum
Frequency for DC
Inputs (Hz)
0
0
0
0.93
1.85
1
0
1
1.86
3.71
0
0
1
0.46
0.93
1
0
1
1.86
3.71
0
1
0
2.10
4.20
1
1
0
0.46
0.93
0
1
1
0.23
0.47
1
1
1
0.23
0.47
FREQUENCY OUTPUT CF
The pulse output calibration frequency (CF) is intended for use
during calibration. The output pulse rate on CF can be up to 64×
the pulse rate on F1 and F2. Table 7 shows how the two
frequencies are related, depending on the states of the logic
inputs S0, S1, and SCF. Because of its relatively high pulse rate,
the frequency at this logic output is proportional to the
instantaneous active power. As is the case with F1 and F2, the
frequency is derived from the output of the low-pass filter after
multiplication. However, since the output frequency is high, this
active power information is accumulated over a much shorter
time. Thus, less averaging is carried out in the digital-to-
frequency conversion. The CF output is much more responsive
to power fluctuations with much less averaging of the active
power signal (see Figure 16).
Table 7. Maximum Output Frequency on CF
SCF
S1
S0
F1–7 (Hz)
CF Maximum for AC Signals (Hz)
0
0
0
2.3
16 × F1, F2 = 14.88
1
0
0
4.61
8 × F1, F2 = 14.88
0
0
1
1.15
32 × F1, F2 = 14.88
1
0
1
4.61
16 × F1, F2 = 29.76
0
1
0
5.22
160 × F1, F2 = 336
1
1
0
1.15
16 × F1, F2 = 7.36
0
1
1
0.58
32 × F1, F2 = 7.36
1
1
1
0.58
16 × F1, F2 = 3.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com