Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1175-1ARMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1175-1ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1175-1ARMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADM1175-1ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADM1175
Rev. 0 | Page 5 of 24
Parameter
Min
Typ
Max
Unit
Conditions
Setup Time for a Repeated Start Condition,
tSU;STA
600
ns
SDA Output Data Hold Time, tHD;DAT
100
900
ns
Setup Time for a Stop Condition, tSU;STO
600
ns
Bus Free Time Between a Stop and a Start
Condition, tBUF
1300
ns
Capacitive Load for Each Bus Line
400
pF
1 Monitoring accuracy is a measure of the error in a code that is read back for a particular voltage/current. This is a combination of amplifier error, reference error,
ADC error, and error in ADC full-scale code conversion factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com