Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1175-1ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1175-1ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1175-1ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1175-1ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADM1175
Rev. 0 | Page 9 of 24
16
14
12
10
8
6
4
2
VCC (V)
12
10
8
6
4
2
0
018
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VCC (V)
14
12
10
8
6
4
2
VGATE (V)
018
10
12
16
14
8
6
4
2
Figure 10. Gate Pull-Down Current vs. VCC at VGATE = 5 V
2
–14
–12
–10
–8
–6
–4
–2
0
016
HIGH
LOW
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
80
HIGH
LOW
60
40
20
0
–20
TEMPERATURE (°C)
20
15
10
5
VGATE (V)
Figure 11. Gate Pull-Up Current vs. Gate Voltage at VCC = 5 V
0
5
10
15
20
025
VCC = 3V
VCC = 5V
VCC = 12V
Figure 12. Gate Pull-Down Current vs. Gate Voltage
Figure 13. Timer Threshold vs. Supply Voltage
0
100
80
60
40
20
90
70
50
30
10
05.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
CTIMER (µF)
Figure 14. Timer Threshold vs. Temperature
Figure 15. Current Limit On Time vs. Timer Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com