Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1175-1ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1175-1ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1175-1ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1175-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADM1175
Rev. 0 | Page 14 of 24
GATE AND TIMER FUNCTIONS
DURING A HOT SWAP
During hot insertion of a board onto a live supply rail at VCC,
the abrupt application of supply voltage charges the external FET
drain/gate capacitance, which can cause an unwanted gate voltage
spike. An internal circuit holds GATE low before the internal
circuitry wakes up. This reduces the FET current surges substan-
tially at insertion. The GATE pin is also held low during the
initial timing cycle and until the ON pin has been taken high
to start the hot swap operation.
During hot swap operation, the GATE pin is first pulled up by
a 12 μA current source. If the current through the sense resistor
reaches the overcurrent fault timing threshold, VOCTIM, a pull-up
current of 60 μA on the TIMER pin, is turned on, and this pin
starts charging up. At a slightly higher voltage in the sense resistor,
the error amplifier servos the GATE pin to maintain a constant
current to the load by controlling the voltage across the sense
resistor to the linear current limit, VLIM.
A normal hot swap is complete when the board supply capaci-
tors near full charge, and the current through the sense resistor
drops to eventually reach the level of the board load current.
As soon as the current drops below the overcurrent fault timing
threshold, the current into the TIMER pin switches from being
a 60 μA pull-up to a 100 μA pull-down. The ADM1175 then
drives the GATE voltage as high as it can to fully enhance the
FET and reduce RON losses to a minimum.
A hot swap fails if the load current does not drop below the
overcurrent fault timing threshold, VOCTIM, before the TIMER
pin has charged up to 1.3 V. In this case, the GATE pin is then
pulled down with a 2 mA current sink. The GATE pull-down
stays on until a hot swap retry starts, which can be forced by
deasserting and then reasserting the ON/ONB pin. On the
ADM1175-1 and ADM1175-3, the device retries automatically
after a cool-down period.
The ADM1175 also features a method of protection from
sudden load current surges, such as a low impedance fault,
when the current seen across the sense resistor may go well
beyond the linear current limit. If the fast overcurrent trip
threshold, VOCFAST, is exceeded, the 2 mA GATE pull-down is
turned on immediately. This pulls the GATE voltage down
quickly to enable the ADM1175 to limit the length of the current
spike that gets through, and also to bring the current through
the sense resistor back into linear regulation as quickly as
possible. This process protects the backplane supply from
sustained overcurrent conditions that can otherwise cause the
backplane supply to droop during the overcurrent event.
CALCULATING CURRENT LIMITS AND
FAULT CURRENT LIMIT TIME
The nominal linear current limit is determined by a sense resistor
connected between the VCC pin and the SENSE pin, as given
by Equation 1.
ILIMIT(NOM) = VLIM(NOM)/RSENSE = 100 mV/RSENSE
(1)
The minimum linear fault current is given by Equation 2.
ILIMIT(MIN) = VLIM(MIN)/RSENSE(MAX) = 90 mV/RSENSE(MAX)
(2)
The maximum linear fault current is given by Equation 3.
ILIMIT(MAX) = VLIM(MAX)/RSENSE(MIN) = 110 mV/RSENSE(MIN)
(3)
The power rating of the sense resistor should be rated at the
maximum linear fault current level.
The minimum overcurrent fault timing threshold current is
given by Equation 4.
IOCTIM(MIN) = VOCTIM(MIN)/RSENSE(MAX) = 85 mV/RSENSE(MAX)
(4)
The maximum fast overcurrent trip threshold current is given by
Equation 5.
IOCFAST(MAX) = VOCFAST(MAX)/RSENSE(MIN) = 115 mV/RSENSE(MIN) (5)
The fault current limit time is the time that a device spends
timing an overcurrent fault, and is given by Equation 6.
tFAULT ≈ 21.7 × CTIMER ms/μF
(6)
INITIAL TIMING CYCLE
When VCC is first connected to the backplane supply, the
internal supply (Time Point (1) in Figure 30) of the ADM1175
must be charged up. A very short time later (significantly less
than 1 ms), the internal supply is fully up and, because the
undervoltage lockout voltage has been exceeded at VCC, the
device comes out of reset. During this first short reset period,
the GATE pin is held down with a 25 mA pull-down current,
and the TIMER pin is pulled down with a 100 μA current sink.
The ADM1175 then goes through an initial timing cycle. At
Time Point (2), the TIMER pin is pulled high with 5 μA. At
Time Point (3), the TIMER reaches the VTIMERL threshold, and
the first portion of the initial cycle ends. The 100 μA current
source then pulls down the TIMER pin until it reaches 0.2 V
at Time Point (4). The initial cycle delay (Time Point (2) to
Time Point (4)) is related to CTIMER by Equation 7.
tINITIAL ≈ 270 × CTIMER ms/μF
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com