Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1175-1ARMZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1175-1ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1175-1ARMZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1175-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADM1175-1ARMZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADM1175
Rev. 0 | Page 13 of 24
OVERVIEW OF THE HOT SWAP FUNCTION
When circuit boards are inserted into a live backplane, discharged
supply bypass capacitors draw large transient currents from the
backplane power bus as they charge. Such transient currents can
cause permanent damage to connector pins, as well as dips on
the backplane supply that can reset other boards in the system.
The ADM1175 is designed to turn a circuit board supply voltage
on and off in a controlled manner, allowing the circuit board to
be safely inserted into or removed from a live backplane. The
ADM1175 can reside either on the backplane or on the circuit
board itself.
The ADM1175 controls the inrush current to a fixed maximum
level by modulating the gate of an external N-channel FET placed
between the live supply rail and the load. This hot swap function
protects the card connectors and the FET itself from damage
and limits any problems that can be caused by high current loads
on the live supply rail.
The ADM1175 holds the GATE pin down (and, thus, the FET is
held off) until a number of conditions are met. An undervoltage
lockout circuit ensures that the device is provided with an adequate
input supply voltage. Once the input supply voltage has been
successfully detected, the device goes through an initial timing
cycle to provide a delay before it attempts to hot swap. This delay
ensures that the board is fully seated in the backplane before the
board is powered up.
Once the initial timing cycle is complete, the hot swap function
is switched on under control of the ON/ONB pin. When ON/ONB
is asserted (high for the ADM1175-1 and ADM1175-2, low for
the ADM1175-3 and ADM1175-4), the hot swap operation starts.
The ADM1175 charges up the gate of the FET to turn on the
load. It continues to charge up the GATE pin until the linear
current limit (set to 100 mV/RSENSE) is reached. For some combi-
nations of low load capacitance and high current limit, this limit
may not be reached before the load is fully charged up. If current
limit is reached, the ADM1175 regulates the GATE pin to keep
the current at this limit. For currents above the overcurrent fault
timing threshold, nominally 100 mV/RSENSE, the current fault is
timed by sourcing a current out to the TIMER pin. If the load
becomes fully charged before the fault current limit time is
reached (when the TIMER pin reaches 1.3 V), the current drops
below the overcurrent fault timing threshold. The ADM1175
then charges the GATE pin higher to fully enhance the FET for
lowest RON, and the TIMER pin is pulled down again.
If the fault current limit time is reached before the load drops
below the current limit, a fault has been detected, and the hot
swap operation is aborted by pulling down on the GATE pin to
turn off the FET. The ADM1175-2 and ADM1175-4 are latched
off. They attempt to hot swap again only when the ON/ONB pin is
deasserted and then asserted again.
The ADM1175-1 and ADM1175-3 retry the hot swap operation
indefinitely, keeping the FET in its safe operating area (SOA) by
using the TIMER pin to time a cool-down period in between
hot swap attempts. The current and voltage threshold combinations
on the TIMER pin set the retry duty cycle to 3.8%.
The ADM1175 is designed to operate over a range of supplies
from 3.15 V to 16.5 V.
UNDERVOLTAGE LOCKOUT
An internal undervoltage lockout (UVLO) circuit resets the
ADM1175 if the VCC supply is too low for normal operation.
The UVLO has a low-to-high threshold of 2.8 V, with 80 mV
hysteresis. Above 2.8 V supply voltage, the ADM1175 starts the
initial timing cycle.
ON/ONB FUNCTION
The ADM1175-1 and ADM1175-2 have an active high ON pin.
The ON pin is the input to a comparator that has a low-to-high
threshold of 1.3 V, a 50 mV hysteresis, and a glitch filter of 3 μs.
A low input on the ON pin turns off the hot swap operation by
pulling the GATE pin to ground, turning off the external FET.
The TIMER pin is also reset by turning on a pull-down current
on this pin. A low-to-high transition on the ON pin starts the
hot swap operation. A 10 kΩ pull-up resistor connecting the
ON pin to the supply is recommended.
Alternatively, an external resistor divider at the ON pin can be
used to program an undervoltage lockout value higher than the
internal UVLO circuit, thereby setting a voltage level at the
VCC supply, where the hot swap operation is to start. An RC
filter can be added at the ON pin to increase the delay time at
card insertion if the initial timing cycle delay is insufficient.
The ADM1175-3 and ADM1175-4 have an active low ONB pin.
This pin operates exactly as described above for the ON pin,
but the polarity is reversed. This allows this pin to function as
an overvoltage detector that can use the external FET as a circuit
breaker for overvoltage conditions on the monitored supply.
TIMER FUNCTION
The TIMER pin handles several timing functions with an
external capacitor, CTIMER. There are two comparator thresholds:
VTIMERH (0.2 V) and VTIMERL (1.3 V). The four timing current
sources are a 5 μA pull-up, a 60 μA pull-up, a 2 μA pull-down,
and a 100 μA pull-down. The 100 μA pull-down is a non-ideal
current source, approximating a 7 kΩ resistor below 0.4 V.
These current and voltage levels, together with the value of CTIMER
chosen by the user, determine the initial timing cycle time, the
fault current limit time, and the hot swap retry duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com