Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3170 Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # CS3170
Description  2.5 Gbps Transimpedance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3170 Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button CS3170 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 9Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 10Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 11Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
AMCC Confidential and Proprietary
Revision A – August 12, 2004
Data Sheet
S3170 – 2.5 Gbps Transimpedance Amplifier
DOCUMENT REVISION HISTORY
Revision
Date
Description
A
08/12/04
• Pg. 6, Table 4, changed S22 Max from -21 dB to -18 dB; changed Rout Max from 55 Ω to 58 Ω.
NC
2/28/01
• Production release version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com