Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3170 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # CS3170
Description  2.5 Gbps Transimpedance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3170 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  CS3170 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
AMCC Confidential and Proprietary
Revision A – August 12, 2004
Data Sheet
S3170 – 2.5 Gbps Transimpedance Amplifier
DETAILED DESCRIPTION
Figure 2 depicts the overall block diagram of the
S3170 transimpedance amplifier. The amplifier cir-
cuitry consists of a transimpedance stage and an
output driver stage with a 16 dB gain. The transimped-
ance amplifier converts the photodiode photocurrent to
a voltage. The photodiode can be biased by connect-
ing it to the RBYPASS pin or it can be connected
directly to VCC.
The amplifier gain is linear for an input of up to 125 µA.
Above that the output stage limits. The output voltage
is limited at 1000 mV, differential, peak to peak.
The output of the transimpedance stage is converted
to a differential signal by the combination of the output
stage and a bias block. This bias block averages the
output of the transimpedance stage and establishes
the DC input reference for the output stage. The band-
width of this circuit is set by an on-chip capacitor, but
can be reduced by adding an off-chip capacitor, CFILT.
This bandwidth corresponds to the low frequency -3 dB
cutoff of the TIA. Increasing the value of CFILT will
reduce the low frequency -3 dB cutoff. With no CFILT
capacitor added it will be at 45 kHz.
Figure 2. S3170 Detailed Block Diagram
VCC
GND
RBYPASS
IIN
OUTP
OUTN
FILT
BIAS
C
FILT
(OPTIONAL)
100
Ω
Vcc
1500
Ω
X 6.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com