Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3170 Datasheet(PDF) 7 Page - Applied Micro Circuits Corporation

Part # CS3170
Description  2.5 Gbps Transimpedance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3170 Datasheet(HTML) 7 Page - Applied Micro Circuits Corporation

Back Button CS3170 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 9Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 10Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 11Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
S3170 – 2.5 Gbps Transimpedance Amplifier
AMCC Confidential and Proprietary
7
Revision A – August 12, 2004
Data Sheet
DESIGN PROCEDURES
Determining Capacitor Values
CFILT can be selected using the formula:
Low Frequency -3dB cutoff = 1 / [2
π*400 k*(10pF + C
FILT)]
APPLICATION INFORMATION
Filtering Through RBYPASS
To reduce the effect of supply voltage noise at the cathode of the photodiode, the cathode connection to VCC
should be made through the RBYPASS resistor. The RBYPASS resistor and an external capacitor to ground at the
cathode of the photodiode will act as a filter to reduce this noise and dampen any resonance at the cathode of the
photodiode.
Wire Bonding and Layout information
For best performance all GND pads should be connected and the bond wire inductance between the photodiode
and the IIN pin should be kept to below 1.5 nH – 2 nH. The back of the die is not metallized and should be con-
nected to ground or left electrically unconnected.
The outputs OUTP and OUTN should be terminated equally to prevent instabilities. Figures 4 and 5 show differen-
tial and single-ended termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com