Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3170 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS3170
Description  2.5 Gbps Transimpedance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3170 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS3170 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS3170 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Part Number S3170
Revision A – August 12, 2004
S3170
2.5 Gbps Transimpedance Amplifier
AMCC Confidential and Proprietary
1
Data Sheet
FEATURES
2 GHz Bandwidth
•10 k
Ω differential transimpedance
Single 3.3 V supply
6.9 pA/
√(Hz) typical noise current density
2.2 mA peak to peak max input current
Source terminated differential outputs
Voltage limited outputs
Maximum Die size: 1.27 mm by 1.27 mm
APPLICATIONS
SONET OC-48
Fiber optic data links
GENERAL DESCRIPTION
The S3170 is a high-speed transimpedance amplifier
(TIA) for 2.5 Gbps applications. Input currents as high
as 2.2 mA can be amplified with low duty cycle distor-
tion. The low input noise allows signals down to 3.7
µA
(peak to peak) to be detected with a signal to noise
ratio of 22 dB (allows for BER< 1E-10).
The outputs are voltage limited to 1000 mV, differen-
tial, in order to allow a wide input dynamic range
without exceeding the input voltage range of the post
(limiting) ampli f ier. Figure 1 shows a typical
application.
Figure 1. Typical Operating Circuit
DINN
DINP
SERDATOP
SERDATON
IIN
GND
OUTP
S3170
S3078
(Limiting Amp and CDR)
Zo = 50
OUTN
Zo = 50
RBYPASS
V
CC
FILT
Alternate
Connection
V
CC


Similar Part No. - CS3170

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CS31 TRANSKO-CS31 Datasheet
362Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.2: Nov. 2014
logo
Campbell Scientific Uni...
CS310 CAMPBELL-CS310 Datasheet
617Kb / 3P
Quantum Sensor
06/23/2020
CS310 CAMPBELL-CS310 Datasheet
787Kb / 2P
Pyranometers, quantum sensors, and net radiometers
03/30/2020
logo
Amphenol Corporation
CS3100A18-3PW AMPHENOL-CS3100A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
CS3100A18-3PX AMPHENOL-CS3100A18-3PX Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
More results

Similar Description - CS3170

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3160 AMCC-CS3160 Datasheet
160Kb / 11P
2.5 Gbps Wide Bandwidth Transimpedance Amplifier
logo
OKI electronic componet...
KGA4133 OKI-KGA4133 Datasheet
92Kb / 4P
12.5 Gbps Transimpedance Amplifier IC
logo
Texas Instruments
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
2.5-Gbps Transimpedance Amplifier With AGC and RSSI
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
10 Gbps TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
logo
M/A-COM Technology Solu...
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
2.5 Gbps Transimpedance Amplifier with AGC
M02024-BRF-001-A MA-COM-M02024-BRF-001-A Datasheet
83Kb / 2P
2.5 Gbps High Sensitivity Transimpedance Amplifier with AGC
M02024-BRF-001-A MA-COM-M02024-BRF-001-A_15 Datasheet
83Kb / 2P
2.5 Gbps High Sensitivity Transimpedance Amplifier with AGC
logo
Texas Instruments
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
2.5-Gbps Transimpedance Amplifier With AGC and RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com