Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1139BABM-R Datasheet(PDF) 1 Page - MTRONPTI

Part # F1139BABM-R
Description  9x14 mm FR-4, 3.3 Volt, PECL, Clock Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

F1139BABM-R Datasheet(HTML) 1 Page - MTRONPTI

  F1139BABM-R Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
F1139BA Series
9x14 mm FR-4, 3.3 Volt, PECL, Clock Oscillator
Pin Connections
Former
Product
Clock Recovery, Optic Transmission Equipment,
Digital Cross Connect Equipment
•
•
Revison: 7-11-06


Similar Part No. - F1139BABM-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1130 IDT-F1130 Datasheet
2Mb / 40P
Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
F1130 IDT-F1130 Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Renesas Technology Corp
F1130 RENESAS-F1130 Datasheet
1Mb / 40P
Dual Path Lowband RF Receiver 400MHz to 1100MHz
February 8, 2022
logo
United Automation Ltd. ...
F11307 UNITEDAUTOMATION-F11307 Datasheet
462Kb / 2P
25A - 110 / 230V AC Variable Burst Fired AC Regulator
1 July 2025
F11307 UNITEDAUTOMATION-F11307 Datasheet
645Kb / 2P
EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
9 December 2025
More results

Similar Description - F1139BABM-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
F1400A MTRONPTI-F1400A Datasheet
242Kb / 1P
9x14 mm FR-4, 5.0 Volt, Sinewave, Clock Oscillator
F2139BA MTRONPTI-F2139BA Datasheet
245Kb / 1P
9x14 mm FR-4, 3.3 Volt, PECL, Clock Oscillator
F17250B MTRONPTI-F17250B Datasheet
258Kb / 1P
9x14 mm FR-4, 5.0 or 3.3 Volt, PECL, VCXO
M3R MTRONPTI-M3R Datasheet
256Kb / 1P
9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M4S MTRONPTI-M4S Datasheet
210Kb / 1P
9x14 mm, 5.0 Volt, PECL, Clock Oscillator
M220X MTRONPTI-M220X Datasheet
340Kb / 2P
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
M4S MTRONPTI-M4S_07 Datasheet
191Kb / 1P
9x14 mm, 5.0 Volt, PECL, Clock Oscillator
M220X MTRONPTI-M220X_07 Datasheet
362Kb / 3P
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
M6005_0611 MTRONPTI-M6005_0611 Datasheet
280Kb / 2P
9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO
M6007 MTRONPTI-M6007_07 Datasheet
410Kb / 2P
9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCVCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com