Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC86X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC86X Datasheet HTML 1Page - NXP Semiconductors LPC86X Datasheet HTML 2Page - NXP Semiconductors LPC86X Datasheet HTML 3Page - NXP Semiconductors LPC86X Datasheet HTML 4Page - NXP Semiconductors LPC86X Datasheet HTML 5Page - NXP Semiconductors LPC86X Datasheet HTML 6Page - NXP Semiconductors LPC86X Datasheet HTML 7Page - NXP Semiconductors LPC86X Datasheet HTML 8Page - NXP Semiconductors LPC86X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
2 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
High-speed GPIO interface connected to the Arm Cortex-M0+ I/O bus with up to 54
General-Purpose I/O (GPIO) pins with configurable pull-up/pull-down resistors,
programmable open-drain mode, input inverter, and digital filter. GPIO direction
control supports independent set/clear/toggle of individual bits. The GPIO pins are
tri-state when power is on.
High-current source output driver (20 mA) on four pins.
High-current sink driver (20 mA) on two true open-drain pins.
GPIO interrupt generation capability with a boolean pattern-matching feature on
eight GPIO inputs.
Switch matrix for flexible configuration of each I/O pin function.
CRC engine.
DMA with 16 channels and 13 trigger inputs.
Timers:
Two FlexTimers with DMA support and a selection of hardware triggers. The first
FlexTimer has six channels and includes support for motor control (including Fault
Control). The second FlexTimer has four channels. This timer does not include
Fault Control but includes a Quadrature Decoder interface. Both FlexTimers are
clocked up to 60 MHz.
Four-channel Multi-Rate Timer (MRT) for repetitive interrupt generation at up to
four programmable, fixed rates.
Self-Wake-up Timer (WKT) clocked from either Free Running Oscillator (FRO), a
low-power, low-frequency internal oscillator, or an external clock input in the
always-on power domain.
Windowed Watchdog timer (WWDT).
Analog peripherals:
One 12-bit ADC with up to 12 input channels with multiple internal and external
trigger inputs and with sample rates of up to 1.9 Msamples/s. The ADC supports
two independent conversion sequences.
Comparator with five input pins and external or internal reference voltage.
Serial peripherals:
Three USART interfaces with pin functions are assigned through the switch matrix,
support receives idle interrupt, and two fractional baud rate generators.
Two SPI controllers with pin functions are assigned through the switch matrix.
One I2C-bus interface. I2C supports Fast-mode Plus with a 1 Mbit/s data rate on
two true open-drain pins and listen mode.
One controller/target I3C-MIPI bus interface. The I3C supports DDR. It is supported
by the general-purpose DMA controller.
Clock generation:
Free Running Oscillator (FRO). This oscillator provides selectable 60 MHz, 48
MHz, and 36 MHz outputs that can be used as a system clock. Also, these outputs
can be divided down to 30 MHz, 24 MHz, and 18 MHz for the system clock. The
FRO is trimmed to
1 % accuracy over the entire voltage and temperature range of
0 °C to 70 °C.
External clock input for clock frequencies of up to 25 MHz.
Crystal oscillator with an operating range of 1 MHz to 25 MHz.
1 MHz (+3%) low-power oscillator (LPOSC) can be used as a clock source for the
watchdog timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com