Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC86X Datasheet(PDF) 42 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 38Page - NXP Semiconductors LPC86X Datasheet HTML 39Page - NXP Semiconductors LPC86X Datasheet HTML 40Page - NXP Semiconductors LPC86X Datasheet HTML 41Page - NXP Semiconductors LPC86X Datasheet HTML 42Page - NXP Semiconductors LPC86X Datasheet HTML 43Page - NXP Semiconductors LPC86X Datasheet HTML 44Page - NXP Semiconductors LPC86X Datasheet HTML 45Page - NXP Semiconductors LPC86X Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
42 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
9. Limiting values
[1]
The following applies to the limiting values:
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage (core and external
rail)
[2]
0.5
+4.6
V
VDDA
Analog supply voltage
on pin VDDA
0.5
+4.6
V
Vref
reference voltage
on pin VREFP
0.5
VDD
V
VI
input voltage
5 V tolerant I/O pins; VDD  1.8 V
[3][4]
0.5
+5.5
V
on I2C open-drain pins
[5]
0.5
+5.5
V
VIA
analog input voltage
on digital pins configured for an
analog function
[6][7]
[8]
0.5
+4.6
V
Vi(xtal)
crystal input voltage
[2]
0.5
+2.5
V
IDD
supply current
per supply pin (LQFP64)
-
100
mA
per supply pin (HVQFN48)
-
75
per supply pin (HVQFN32)
50
ISS
ground current
per ground pin (LQFP64);
-
100
mA
per ground pin (HVQFN48)
-
75
per ground pin (HVQFN32)
100
Ilatch
I/O latch-up current
(0.5VDD) < VI < (1.5VDD);
Tj < 125 C
-
100
mA
Tstg
storage temperature
[9]
65
+150
C
Tj(max)
maximum junction temperature
-
150
C
Ptot(pack)
total power dissipation (per
package)
LQFP64, based on package heat
transfer, not device power
consumption
[11] -0.66
W
LQFP64, based on package heat
transfer, not device power
consumption
[12] -0.48
W
HVQFN48, based on package
heat transfer, not device power
consumption
[11] -1.12
W
HVQFN48, based on package
heat transfer, not device power
consumption
[12] -0.46
W
HVQFN32, based on package
heat transfer, not device power
consumption
[11]
0.98
W
HVQFN32, based on package
heat transfer, not device power
consumption
[12]
0.34
W
Vesd
electrostatic discharge voltage
human body model; all pins
-
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com