Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC86X Datasheet(PDF) 71 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 67Page - NXP Semiconductors LPC86X Datasheet HTML 68Page - NXP Semiconductors LPC86X Datasheet HTML 69Page - NXP Semiconductors LPC86X Datasheet HTML 70Page - NXP Semiconductors LPC86X Datasheet HTML 71Page - NXP Semiconductors LPC86X Datasheet HTML 72Page - NXP Semiconductors LPC86X Datasheet HTML 73Page - NXP Semiconductors LPC86X Datasheet HTML 74Page - NXP Semiconductors LPC86X Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
71 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
12.9 Wake-up process
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[2]
The wake-up time measured is the time between when a GPIO input pin is triggered to wake the device up
from the low power modes and from when a GPIO output pin is set in the interrupt service routine (ISR)
wake-up handler. ISR is located in SRAM.
[3]
FRO enabled, all peripherals off. PLL disabled.
[4]
WKT disabled. Wake up from deep power-down causes the part to go through entire reset
process. The wake-up time measured is the time between when the RESET pin is triggered to wake the
device up and when a GPIO output pin is set in the reset handler.
Table 28.
Dynamic characteristic: Typical wake-up times from low power modes
VDD = 3.3 V;Tamb =25 C; using FRO (24 MHz) as the system clock.
Symbol Parameter
Conditions
Min
Typ[1]
Max Unit
twake
wake-up
time
from sleep mode
[2][3] -1.3
-
s
from deep-sleep mode
[2] -1.35
-
s
from power-down mode
[2] -55
-
s
from deep power-down mode;
WKT disabled; using RESET pin.
[4] -250
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com