Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC86X Datasheet(PDF) 67 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 63Page - NXP Semiconductors LPC86X Datasheet HTML 64Page - NXP Semiconductors LPC86X Datasheet HTML 65Page - NXP Semiconductors LPC86X Datasheet HTML 66Page - NXP Semiconductors LPC86X Datasheet HTML 67Page - NXP Semiconductors LPC86X Datasheet HTML 68Page - NXP Semiconductors LPC86X Datasheet HTML 69Page - NXP Semiconductors LPC86X Datasheet HTML 70Page - NXP Semiconductors LPC86X Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
67 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
12.7 SPI interfaces
The actual SPI bit rate depends on the delays introduced by the external trace, the
external device, system clock (CCLK), and capacitive loading. Excluding delays
introduced by an external device and PCB, the maximum supported bit rate for SPI
master mode is 30 Mbit/s, and the maximum supported bit rate for SPI target mode is 1/(2
x 26 ns) = 19 Mbit/s at 3.0v
 VDD  3.6v and 1/(2 x 42 ns) = 12 Mbit/s at 1.8v  VDD <
3.0v.
Remark: SPI functions can be assigned to all digital pins. The characteristics are valid for
all digital pins except the open-drain pins PIO0_10 and PIO0_11.
Table 26.
SPI dynamic characteristics
Tamb = 40 C to 105 C; CL = 20 pF; input slew = 1 ns. Simulated parameters sampled at the 30 %
and 70 % level of the rising or falling edge; values guaranteed by design. Delays introduced by the
external trace or external device are not considered.
Symbol
Parameter
Conditions
Min
Max
Unit
SPI controller
tDS
data set-up time
1.8 V <= VDD <= 3.6 V
3
-
ns
tDH
data hold time
1.8 V <= VDD <= 3.6 V
0
-
ns
tv(Q)
data output valid time
1.8 V <= VDD <= 3.6 V
0
5
ns
SPI target
tDS
data set-up time
1.8 V <= VDD <= 3.6 V
4
-
ns
tDH
data hold time
1.8 V <= VDD <= 3.6 V
1
-
ns
tv(Q)
data output valid time
3.0 V <= VDD <= 3.6 V
0
26
ns
1.8 V <= VDD < 3.0 V
0
42
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com