Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3150A2ST1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPL3150A2ST1
Description  I2C precision pressure sensor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL3150A2ST1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPL3150A2ST1 Datasheet HTML 17Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 18Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 19Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 20Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 21Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 22Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 23Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 24Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
NXP Semiconductors
MPL3150A2S
I2C precision pressure sensor
14.8 FIFO setup registers
14.8.1 F_STATUS - FIFO status register (address 0Dh)
Bit
7
6
5
4
3
2
1
0
Symbol
F_OVF
F_WMRK_FLAG
F_CNT[5:0]
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 21. F_STATUS - FIFO status register (address 0Dh) bit allocation
F_OVF
F_WMRK_FLAG
Event description
0
—
No FIFO overflow events detected.
1
—
FIFO overflow event detected.
—
0
No FIFO watermark events detected.
—
1
FIFO watermark event detected. FIFO sample count greater than watermark
value
Table 22. F_STATUS - FIFO status register (address 0Dh) bit description
The F_OVF and F_WMRK_FLAG flags remain asserted while the event source is still active, but the
user can clear the FIFO interrupt bit flag in the interrupt source register (INT_SOURCE) by reading the
F_STATUS register. Therefore, the F_OVF bit flag will remain asserted while the FIFO has overflowed and the
F_WMRK_FLAG bit flag will remain asserted while the F_CNT value is greater than then F_WMRK value.
Bit
Symbol
Description
5 to 0
F_CNT
FIFO sample counter. F_CNT[5:0] bits indicate the number of samples currently stored
in the FIFO buffer.
00_0000 — indicates that the FIFO is empty (reset value)
00_0001 to 10_0000 — indicates 1 to 32 samples stored in FIFO
Table 23.  F_STATUS - FIFO status register (address 0Dh) bit description
14.8.2 F_DATA - FIFO data register (address 0Eh)
F_DATA is a read only address which provides access to 8-bit FIFO data. FIFO holds a maximum of 32
samples, a maximum of 5 × 32 = 160 data bytes of samples can be read. When F_MODE bit in FIFO SETUP
(F_SETUP) register is set to logic '1', the F_DATA pointer shares the same address location as OUT_P_MSB
(01h), therefore all accesses of the FIFO buffer data use the I2C address 01h. Reads from the other data
registers (02h, 03h, 04h, 05h) will return a value of 00h.
Note: The FIFO will NOT suspend to data accumulation during read transactions to F_DATA.
Bit
7
6
5
4
3
2
1
0
Symbol
F_DATA[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 24. F_DATA - FIFO data register (address 0Eh) bit allocation
MPL3150A2S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 8 May 2023
21 / 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com