Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3150A2ST1 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MPL3150A2ST1
Description  I2C precision pressure sensor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL3150A2ST1 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MPL3150A2ST1 Datasheet HTML 25Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 26Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 27Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 28Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 29Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 30Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 31Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 32Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
NXP Semiconductors
MPL3150A2S
I2C precision pressure sensor
Location
Bit
Address Register
7
6
5
4
3
2
1
0
1Fh
T_MIN_MSB
T_MIN[11:4]
20h
T_MIN_LSB
T_MIN[3:0]
reserved
Reset
0
0
0
0
0
0
0
0
Access MSB
Access LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
R
R/W
R
R/W
R
Table 42. T_MIN_MSB, T_MIN_LSB - minimum temperature register (address 1Fh, 20h) bit allocation
14.21 T_MAX_MSB, T_MAX_LSB - maximum temperature register (address 24h, 25h)
Register with captured maximum temperature value.
The temperature data is arranged as a 12-bit signed integer in °C. The first eight bits are located in
T_MAX_MSB with fractions of a degree stored in four bits in position 7 to 4 of T_MAX_LSB.
The register is cleared on power-up or manually by writing '0' to the registers.
Location
Bit
Address Register
7
6
5
4
3
2
1
0
24h
T_MAX_MSB
T_MAX[11:4]
25h
T_MAX_LSB
T_MAX[3:0]
reserved
Reset
0
0
0
0
0
0
0
0
Access MSB
Access LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
R
R/W
R
R/W
R
Table 43. T_MAX_MSB, T_MAX_LSB - minimum temperature register (address 24h, 25h) bit allocation
14.22 Control registers
14.22.1 CTRL_REG1 - control register 1 (address 26h)
Note: Except for STANDBY and OST mode selection, the device must be in STANDBY mode to change any of
the fields within bits 7 to 0 of CTRL_REG1 (26h).
Bit
7
6
5
4
3
2
1
0
Symbol
Reserved
Reserved
OS[2:0]
0 (R)
RST (W)
OST
SBYB
Reset
0
0
0
0
0
0
0
0
Access
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Table 44. CTRL_REG1 - control register 1 (address 26h) bit allocation
Bit
Symbol
Description
7
Reserved
6
Reserved
Table 45. CTRL_REG1 - control register 1 (address 26h) bit description
MPL3150A2S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 8 May 2023
29 / 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com